Electronic Components Datasheet Search
  English  ▼

X  

XR-8038AP Datasheet (PDF) - Exar Corporation

XR-8038AP Datasheet PDF - Exar Corporation
Part # XR-8038AP
Download  XR-8038AP Download
File Size   26.2 Kbytes
Page   4 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Precision Waveform Generator

XR-8038AP Datasheet (PDF)

Go To PDF Page Download Datasheet
XR-8038AP Datasheet PDF - Exar Corporation

Part # XR-8038AP
Download  XR-8038AP Click to download

File Size   26.2 Kbytes
Page   4 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Precision Waveform Generator

XR-8038AP Datasheet (HTML) - Exar Corporation


XR-8038AP Product details

GENERAL DESCRIPTION

The XR-8038A is a precision waveform generator IC capable of producing sine, square, triangular, sawtooth, and pulse waveforms, with a minimum number of external components and adjustments. The XR-8038A allows the elimination of the external distortion adjusting resistor which greatly improves the temperature drift of distortion, as well as lowering external parts count. Its operating frequency can be selected over eight decades of frequency, from 0.001Hz to 200kHz, by the choice of external R-C components. The frequency of oscillation is highly stable over a wide range of temperature and supply voltage changes.



FEATURES

• Low Frequency Drift, 50ppm/°C, Typical

• Simultaneous Sine, Triangle, and Square Wave Outputs

• Low Sine Wave Distortion - THD ~ 1%

• High FM and Triangle Linearity

• Wide Frequency Range 0.001Hz to 200KHz

• Variable Duty Cycle, 2% to 98%

• Low Distortion Variation with Temperature



APPLICATIONS

• Precision Waveform Generation

• Sweep and FM Generation

• Tone Generation

• Instrumentation and Test Equipment Design

• Precision PLL Design



 




Similar Part No. - XR-8038AP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-8038A EXAR-XR-8038A Datasheet
150Kb / 16P
Precision Waveform Generator
XR-8038ACP EXAR-XR-8038ACP Datasheet
150Kb / 16P
Precision Waveform Generator
More results


Similar Description - XR-8038AP

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE864 NTE-NTE864 Datasheet
26Kb / 3P
Integrated Circuit Precision Waveform Generator
logo
Intersil Corporation
ICL8038 INTERSIL-ICL8038 Datasheet
152Kb / 10P
Precision Waveform Generator/Voltage Controlled Oscillator
September 1998
logo
Exar Corporation
XR8038 EXAR-XR8038 Datasheet
150Kb / 16P
Precision Waveform Generator
logo
Harris Corporation
ICL8038 HARRIS-ICL8038 Datasheet
149Kb / 10P
Precision Waveform Generator/ Voltage Controlled Oscillator
logo
Intersil Corporation
ICL8038 INTERSIL-ICL8038_01 Datasheet
353Kb / 12P
Precision Waveform Generator/Voltage Controlled Oscillator
April 2001
logo
ASM GmbH
7075 ASM-SENSOR-7075 Datasheet
1Mb / 8P
WAVEFORM GENERATOR
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
Arbitrary Waveform Generator
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
Arbitrary Waveform Generator
logo
Renesas Technology Corp
ICL8038 RENESAS-ICL8038 Datasheet
651Kb / 12P
Precision Waveform Generator/Voltage Controlled Oscillator
logo
Analog Devices
AD9837 AD-AD9837_12 Datasheet
755Kb / 28P
Programmable Waveform Generator
12/12-Rev. 0 to Rev. A
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com