Electronic Components Datasheet Search
  English  ▼

X  

ESD451DPLR.B Datasheet (PDF) - Texas Instruments

ESD451DPLR.B Datasheet PDF - Texas Instruments
Part # ESD451DPLR.B
Download  ESD451DPLR.B Download
File Size   1587.86 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ESD451 1-Channel ±30kV Bidirectional ESD Diode in an 0201 and 0402 Package

ESD451DPLR.B Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD451DPLR.B Datasheet PDF - Texas Instruments

Part # ESD451DPLR.B
Download  ESD451DPLR.B Click to download

File Size   1587.86 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ESD451 1-Channel ±30kV Bidirectional ESD Diode in an 0201 and 0402 Package

ESD451DPLR.B Datasheet (HTML) - Texas Instruments


ESD451DPLR.B Product details

1 Features
• IEC 61000-4-2 level 4 ESD protection:
– ±30kV contact discharge
– ±30kV air gap discharge
• IEC 61000-4-5 surge protection:
– 6A (8/20μs)
• IO capacitance:
– 0.5pF (typical)
• DC breakdown voltage: ±8V (typical)
• Ultra low leakage current: 50nA (maximum)
• Extremely low ESD clamping voltage
– 10.4V at 16A TLP
– RDYN: 0.19Ω
• Low insertion loss: 3.5GHz (-3dB bandwidth)
• Supports high speed interfaces up to 6Gbps
• Industrial temperature range: –55°C to +150°C
• Space saving industry standard 0201 (0.6mm x
0.3mm) and 0402 footprint (1.0mm x 0.6mm)

2 Applications
• End equipment:
– Vacuum robots
– Wearables
– Smart speakers
– Portable electronics
– Small appliances
– Retail automation and payment
– Laptops and desktops
– TV and monitors
– Docking stations
• Interfaces:
– USB 3.0
– HDMI™ 1.4 and 2.0
– DisplayPort™
– SIM card

3 Description
The ESD451 is a bidirectional ESD protection diode
for protecting data line and other I/O ports. The
ESD451 is rated to dissipate ESD strikes up to ±30kV
per the IEC 61000-4-2 international standard (greater
than Level 4).
This device features a 0.5pF (typical) IO capacitance
enabling high-speed interface protection for protocols
such as USB 3.0. The extremely low dynamic
resistance (0.19Ω) and clamping voltage (10.4V at
16A TLP) is specified for system-level protection
against transient events.
The ±30kV ESD rating and 6A surge provides robust
transient protection in a tiny package for protecting
5.5V power rails and data lines in portable electronics
and other space constrained applications such as
wearables.
The ESD451 is offered in the industry standard 0201
and 0402 package.




Similar Part No. - ESD451DPLR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESD451DPLR.B TI2-ESD451DPLR.B Datasheet
804Kb / 15P
ESD451 1-Channel ±30 kV Bidirectional ESD Diode in an 0201 Package
REVISED JUNE 2023
More results


Similar Description - ESD451DPLR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1E6B06 TI-TPD1E6B06 Datasheet
324Kb / 10P
Single Channel ESD Protection Device in 0201 Package
TPD1E6B06 TI1-TPD1E6B06_15 Datasheet
290Kb / 16P
Single-Channel ESD Protection Diode in 0201 Package
TPD1E10B06 TI1-TPD1E10B06_15 Datasheet
1Mb / 18P
Single-Channel ESD Protection Diode in 0402 Package
logo
ON Semiconductor
CM1242-07CP ONSEMI-CM1242-07CP_12 Datasheet
152Kb / 5P
1-Channel Ultra Small 0201 Package ESD Protection
July, 2012 ??Rev. 5
logo
Texas Instruments
ESD341 TI-ESD341 Datasheet
835Kb / 15P
ESD341 1-Channel 짹 30 kV ESD Protection Diode in 0201 Package
APRIL 2022
ESD341 TI-ESD341_V01 Datasheet
1Mb / 17P
ESD341 1-Channel ± 30 kV ESD Protection Diode in 0201 Package
REVISED JULY 2022
ESD451 TI-ESD451 Datasheet
685Kb / 12P
ESD451 1-Channel ±30 kV Bidirectional ESD Diode in an 0201 Package
APRIL 2023
ESD441 TI-ESD441 Datasheet
678Kb / 12P
ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package
APRIL 2023
ESD441 TI-ESD441_V01 Datasheet
792Kb / 14P
ESD441 1-Channel ±30 kV Unidirectional ESD Diode in an 0201 Package
REVISED JUNE 2023
ESD451 TI-ESD451_V01 Datasheet
836Kb / 15P
ESD451 1-Channel ±30 kV Bidirectional ESD Diode in an 0201 Package
REVISED JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com