Electronic Components Datasheet Search
  English  ▼

X  

ISL97645A Datasheet (PDF) - Intersil Corporation

ISL97645A Datasheet PDF - Intersil Corporation
Part # ISL97645A
Download  ISL97645A Download
File Size   523.14 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Boost VON Slice VCOM

ISL97645A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97645A Datasheet PDF - Intersil Corporation

Part # ISL97645A
Download  ISL97645A Click to download

File Size   523.14 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Boost VON Slice VCOM

ISL97645A Datasheet (HTML) - Intersil Corporation


ISL97645A Product details

Boost + VON Slice + VCOM

The ISL97645A represents an integrated DC/DC regulator for monitor and notebook applications with screen sizes up to 20”. The device integrates a boost converter for generating AVDD, a VON slice circuit, and a high performance VCOM amplifier.

Features
• 2.7V to 5.5V Input
• 2.6A Integrated Boost for Up to 20V AVDD
• Integrated VON Slice
• RESET signal generated by Supply Monitor
• 600kHz/1.2MHz fS
• VCOM Amplifier
    - 30MHz BW
    - 50V/µs SR
    - 400mA Peak Output Current
• UV and OT Protection
• 24 Ld 4x4 QFN
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• LCD Monitors (15”+)
• Notebook Display (up to 16”)




Similar Part No. - ISL97645A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97645A INTERSIL-ISL97645A Datasheet
534Kb / 16P
Boost VON Slice VCOM Reset
October 21, 2010
logo
Renesas Technology Corp
ISL97645A RENESAS-ISL97645A Datasheet
970Kb / 16P
Boost VON Slice VCOM Reset
logo
Intersil Corporation
ISL97645AIRZ INTERSIL-ISL97645AIRZ Datasheet
534Kb / 16P
Boost VON Slice VCOM Reset
October 21, 2010
logo
Renesas Technology Corp
ISL97645AIRZ RENESAS-ISL97645AIRZ Datasheet
970Kb / 16P
Boost VON Slice VCOM Reset
logo
Intersil Corporation
ISL97645A INTERSIL-ISL97645A_10 Datasheet
534Kb / 16P
Boost VON Slice VCOM Reset
October 21, 2010
More results


Similar Description - ISL97645A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97646 INTERSIL-ISL97646 Datasheet
446Kb / 15P
Boost LDO VON Slice VCOM
December 21, 2006
ISL97644 INTERSIL-ISL97644 Datasheet
548Kb / 15P
Boost LDO VON Slice VCOM
ISL97645 INTERSIL-ISL97645 Datasheet
539Kb / 14P
Boost VON Slice VCOM
April 11, 2006
ISL97645 INTERSIL-ISL97645_07 Datasheet
439Kb / 14P
Boost VON Slice VCOM
December 14, 2007
ISL97644 INTERSIL-ISL97644_07 Datasheet
448Kb / 15P
Boost LDO VON Slice VCOM
December 14, 2007
ISL97645A INTERSIL-ISL97645A_10 Datasheet
534Kb / 16P
Boost VON Slice VCOM Reset
October 21, 2010
ISL97646 INTERSIL-ISL97646_07 Datasheet
453Kb / 15P
Boost LDO VON Slice VCOM
December 14, 2007
logo
Renesas Technology Corp
ISL97644 RENESAS-ISL97644 Datasheet
855Kb / 15P
Boost LDO VON Slice VCOM
ISL97645A RENESAS-ISL97645A Datasheet
970Kb / 16P
Boost VON Slice VCOM Reset
ISL97645 RENESAS-ISL97645 Datasheet
899Kb / 14P
Boost VON Slice VCOM
December 14, 2007
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com