Electronic Components Datasheet Search
  English  ▼

X  

FMAT1024 Datasheet (PDF) - Infinite Electronics International, Inc.

FMAT1024 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMAT1024
Download  FMAT1024 Download
File Size   383.5 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 0 to 10 dB Step Attenuator With a 1 dB Step BNC Female Connectors Rated Up To 2.2 GHz and Up to 2 Watts in a Rotary Design

FMAT1024 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMAT1024 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMAT1024
Download  FMAT1024 Click to download

File Size   383.5 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 0 to 10 dB Step Attenuator With a 1 dB Step BNC Female Connectors Rated Up To 2.2 GHz and Up to 2 Watts in a Rotary Design

FMAT1024 Datasheet (HTML) - Infinite Electronics International, Inc.


FMAT1024 Product details

Features
• 1 dB steps from 0 to 10 dB Attenuation
• Rotary Dial Control
• ±0.4 dB Maximum Attenuation Accuracy
• BNC Female Connectors
• -20°C to +80°C Operating Temperature




Similar Part No. - FMAT1024

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAT1021 FAIRVIEW-FMAT1021 Datasheet
391Kb / 5P
0 to 82.5 dB Step Attenuator BNC Female Connectors Rated Up To 750 MHz and Up to 1 Watt in a Push Button Design
FMAT1022 FAIRVIEW-FMAT1022 Datasheet
365Kb / 5P
0 to 70 dB Step Attenuator With a 10 dB Step BNC Female Connectors Rated Up To 2.2 GHz and Up to 2 Watts in a Rotary Design
FMAT1023 FAIRVIEW-FMAT1023 Datasheet
364Kb / 5P
0 to 70 dB Step Attenuator With a 10 dB Step SMA Female Connectors Rated Up To 2.2 GHz and Up to 2 Watts in a Rotary Design
FMAT1025 FAIRVIEW-FMAT1025 Datasheet
379Kb / 5P
0 to 10 dB Step Attenuator With a 1 dB Step SMA Female Connectors Rated Up To 2.2 GHz and Up to 2 Watts in a Rotary Design
More results


Similar Description - FMAT1024

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7034-1 PASTERNACK-PE7034-1 Datasheet
258Kb / 3P
0 to 1 dB Rotary Step Attenuator, BNC Female To BNC Female With 0.1 dB Step Rated To 1 Watt Up To 1 GHz
PE7034-4 PASTERNACK-PE7034-4 Datasheet
258Kb / 3P
0 to 70 dB Rotary Step Attenuator, BNC Female To BNC Female With 10 dB Step Rated To 1 Watt Up To 2 GHz
PE7034-6 PASTERNACK-PE7034-6 Datasheet
258Kb / 3P
0 to 1 dB Rotary Step Attenuator, BNC Female To BNC Female With 0.1 dB Step Rated To 2 Watts Up To 2 GHz
PE7036-2 PASTERNACK-PE7036-2 Datasheet
262Kb / 3P
0 to 82.5 dB Toggle Step Attenuator, BNC Female To BNC Female With 0.5 dB Step Rated To 1 Watt Up To 1 GHz
PE7037-1 PASTERNACK-PE7037-1 Datasheet
223Kb / 3P
0 to 42 dB Toggle Step Attenuator, BNC Female To BNC Female With 1 dB Step Rated To 10 Watts Up To 500 MHz
PE7035-4 PASTERNACK-PE7035-4 Datasheet
255Kb / 3P
0 to 10 dB Rotary Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 1 dB Step Rated To 1 Watt Up To 1 GHz
PE7036-3 PASTERNACK-PE7036-3 Datasheet
261Kb / 3P
0 to 102 dB Toggle Step Attenuator, BNC Female To BNC Female With 1 dB Step Rated To 1 Watt Up To 1 GHz
PE7034-2 PASTERNACK-PE7034-2 Datasheet
258Kb / 3P
0 to 100 dB Rotary Step Attenuator, BNC Female To BNC Female With 10 dB Step Rated To 1 Watt Up To 1 GHz
PE7034-3 PASTERNACK-PE7034-3 Datasheet
258Kb / 3P
0 to 10 dB Rotary Step Attenuator, BNC Female To BNC Female With 1 dB Step Rated To 1 Watt Up To 2 GHz
PE7034-5 PASTERNACK-PE7034-5 Datasheet
258Kb / 3P
0 to 100 dB Rotary Step Attenuator, BNC Female To BNC Female With 10 dB Step Rated To 1 Watt Up To 2 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com