Electronic Components Datasheet Search
  English  ▼

X  

ICL7665SAIPAZ Datasheet (PDF) - Renesas Technology Corp

ICL7665SAIPAZ Datasheet PDF - Renesas Technology Corp
Part # ICL7665SAIPAZ
Download  ICL7665SAIPAZ Download
File Size   765.83 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Micropower Over/Under Voltage Detector

ICL7665SAIPAZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL7665SAIPAZ Datasheet PDF - Renesas Technology Corp

Part # ICL7665SAIPAZ
Download  ICL7665SAIPAZ Click to download

File Size   765.83 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Micropower Over/Under Voltage Detector

ICL7665SAIPAZ Datasheet (HTML) - Renesas Technology Corp


ICL7665SAIPAZ Product details

• Guaranteed 10μA maximum quiescent current
over-temperature
• Guaranteed wider operating voltage range over entire
operating temperature range
• 2% threshold accuracy (ICL7665SA)
• Dual comparator with precision internal reference
• 100ppm/°C temperature coefficient of threshold voltage
• 100% tested at 2V
• Output current sinking ability . . . . . . . . . . . . . Up to 20mA
• Individually programmable upper and lower trip voltages
and hysteresis levels




Similar Part No. - ICL7665SAIPAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7665SAIPAZ INTERSIL-ICL7665SAIPAZ Datasheet
354Kb / 14P
CMOS Micropower Over/Under Voltage Detector
April 5, 2006
More results


Similar Description - ICL7665SAIPAZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33460 ONSEMI-MC33460 Datasheet
256Kb / 12P
Under Voltage Detector Series
November, 1999 ??Rev. 2
logo
Intersil Corporation
ICL7665S INTERSIL-ICL7665S Datasheet
86Kb / 11P
CMOS Micropower Over/Under Voltage Detector
April 1999
logo
National Semiconductor ...
LMS33460 NSC-LMS33460 Datasheet
498Kb / 6P
3V Under Voltage Detector
logo
Intersil Corporation
ICL7665S INTERSIL-ICL7665S_06 Datasheet
354Kb / 14P
CMOS Micropower Over/Under Voltage Detector
April 5, 2006
logo
Microchip Technology
MCP111 MICROCHIP-MCP111_05 Datasheet
379Kb / 26P
Micropower Voltage Detector
2005
MCP111T-195I MICROCHIP-MCP111T-195I Datasheet
295Kb / 26P
Micropower Voltage Detector
04/20/05
logo
Rohm
BD71L4LG-1 ROHM-BD71L4LG-1 Datasheet
665Kb / 17P
CMOS Over Voltage Detector IC
BD71L4LHFV-1 ROHM-BD71L4LHFV-1 Datasheet
665Kb / 17P
CMOS Over Voltage Detector IC
logo
Texas Instruments
LMS33460 TI1-LMS33460_14 Datasheet
723Kb / 13P
3V Under Voltage Detector
logo
Rohm
BD71L4L-1 ROHM-BD71L4L-1 Datasheet
1Mb / 18P
CMOS Over Voltage Detector IC
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com