Electronic Components Datasheet Search
  English  ▼

X  

MAX9716EUA Datasheet (PDF) - Analog Devices

MAX9716EUA Datasheet PDF - Analog Devices
Part # MAX9716EUA
Download  MAX9716EUA Download
File Size   450.36 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers

MAX9716EUA Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9716EUA Datasheet PDF - Analog Devices

Part # MAX9716EUA
Download  MAX9716EUA Click to download

File Size   450.36 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers

MAX9716EUA Datasheet (HTML) - Analog Devices


MAX9716EUA Product details

Features
Features
 2.7V to 5.5V Single-Supply Operation
 1.4W into 4Ω at 1% THD+N
 10nA Low-Power Shutdown Mode
 73dB PSRR at 1kHz
 No Audible Clicks or Pops at Power-Up/Down
 Internal Fixed Gain to Reduce Component Count
(MAX9717B/C/D)
 Adjustable Gain Option (MAX9716/MAX9717A)
 BTL/SE Input Senses when Headphones are
Connected (MAX9717)
 Pin Compatible with LM4890 (MAX9716)
 Pin Compatible with TPA711 (MAX9717A)
 Available in Compact, Thermally Enhanced μMAX
and TDFN (3mm x 3mm) Packages




Similar Part No. - MAX9716EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9716EUA MAXIM-MAX9716EUA Datasheet
333Kb / 19P
Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 0; 1/04
MAX9716EUA MAXIM-MAX9716EUA Datasheet
405Kb / 21P
Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09
MAX9716EUA MAXIM-MAX9716EUA Datasheet
450Kb / 21P
Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 3; 3/12
MAX9716EUA/V+ MAXIM-MAX9716EUA/V+ Datasheet
450Kb / 21P
Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 3; 3/12
More results


Similar Description - MAX9716EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9716 MAXIM-MAX9716 Datasheet
333Kb / 19P
Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 0; 1/04
MAX9718 MAXIM-MAX9718 Datasheet
569Kb / 23P
Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Rev 0; 10/03
MAX9710 MAXIM-MAX9710 Datasheet
606Kb / 15P
3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
Rev 0; 4/03
MAX9716 MAXIM-MAX9716_09 Datasheet
405Kb / 21P
Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
MAX9718 MAXIM-MAX9718_10 Datasheet
1Mb / 26P
Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
MAX9710 MAXIM-MAX9710_08 Datasheet
303Kb / 13P
3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown
19-2841; Rev 1; 6/08
MAX9716 MAXIM-MAX9716_12 Datasheet
450Kb / 21P
Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 3; 3/12
logo
Analog Devices
AD74111YRUZ AD-AD74111YRUZ Datasheet
350Kb / 20P
Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111_17 Datasheet
282Kb / 21P
Low Cost, Low Power Mono Audio Codec
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com