Electronic Components Datasheet Search
  English  ▼

X  

KPS10 Datasheet (PDF) - TM Electronics Inc

KPS10 Datasheet PDF - TM Electronics Inc
Part # KPS10
Download  KPS10 Download
File Size   102.62 Kbytes
Page   3 Pages
Manufacturer  TM [TM Electronics Inc]
Direct Link  
Logo TM - TM Electronics Inc
Description Legionella Temperature Monitoring Kit – Includes MM2008 Digital Thermometer and Budget K Type Dual Surface/Immersion Probe

KPS10 Datasheet (PDF)

Go To PDF Page Download Datasheet
KPS10 Datasheet PDF - TM Electronics Inc

Part # KPS10
Download  KPS10 Click to download

File Size   102.62 Kbytes
Page   3 Pages
Manufacturer  TM [TM Electronics Inc]
Direct Link  
Logo TM - TM Electronics Inc
Description Legionella Temperature Monitoring Kit – Includes MM2008 Digital Thermometer and Budget K Type Dual Surface/Immersion Probe

KPS10 Datasheet (HTML) - TM Electronics Inc


KPS10 Product details

Features
A single input thermocouple thermometer with an integral timer with a separate 1 minute and 2 minute count. This thermometer is primarily developed for use in Legionella risk management and offers reassurance that the correct reading is taken when monitoring hot and cold water temperatures.
 Single input thermocouple thermometer
 ℃/ ℉ switchable
 Counter ensures that the correct temperature is met
 1 minute counter for hot water temperatures
 2 minute counter for cold water temperature
 Resolution of 0.1 to 1000 autoranging
 Switchable thermocouple K & T only
 Full retention of thermocouple type and temperature scale
 Auto Switch Off capability
 Easy to use software calibration
 Overrange / Open circuit sensor indication
 Low battery indication
 Supplied complete with shock resistant rubber boot
 IP67 casing

Description
This probe uses the straight handle for fine control. The probe is designed for the measurement of both surface temperatures and Immersion temperatures.




Similar Part No. - KPS10

ManufacturerPart #DatasheetDescription
logo
TM Electronics Inc
KPS10 TM-KPS10 Datasheet
97Kb / 4P
Type T Food Kit with Thermometer, Standard Probes, Temperature Record Book and Case
KPS10 TM-KPS10 Datasheet
107Kb / 4P
TYPE T LEGIONELLA TEMPERATURE KIT WITH THERMOMETER, STANDARD PROBES AND ACCESSORIES
logo
List of Unclassifed Man...
KPS10 ETC-KPS10 Datasheet
107Kb / 1P
PIPE CLAMP PROBE TYPE ‘K’
logo
TDK Electronics
KPS10-12 TDK-KPS10-12 Datasheet
231Kb / 2P
5 to 15W AC-DC Board Mount Power Supplies
KPS10-15 TDK-KPS10-15 Datasheet
231Kb / 2P
5 to 15W AC-DC Board Mount Power Supplies
More results


Similar Description - KPS10

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
421501 EXTECH-421501 Datasheet
121Kb / 4P
Type K Digital Thermometer
421502 EXTECH-421502 Datasheet
163Kb / 12P
Dual Input Type J/K Digital Thermometer
EA10 EXTECH-EA10 Datasheet
59Kb / 4P
EasyView Dual K Thermometer
EA11A EXTECH-EA11A Datasheet
126Kb / 6P
EasyView K-Type Thermometer
TM200 EXTECH-TM200 Datasheet
99Kb / 7P
Type K Dual Input Thermometer
TP200 EXTECH-TP200 Datasheet
209Kb / 1P
Type K Pipe Clamp Temperature Probe
TP400 EXTECH-TP400 Datasheet
149Kb / 1P
Type K Pipe Clamp Temperature Probe
TP200 EXTECH-TP200_15 Datasheet
209Kb / 1P
Type K Pipe Clamp Temperature Probe
logo
Maxim Integrated Produc...
DS1621 MAXIM-DS1621_V01 Datasheet
525Kb / 16P
Digital Thermometer and
2015
logo
E+E Elektronik Ges.m.b....
EE072 EPLUSE-EE072 Datasheet
1Mb / 9P
Humidity and Temperature Probe with Digital Interface
03-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com