Electronic Components Datasheet Search
  English  ▼

X  

LT1568 Datasheet (PDF) - Analog Devices

LT1568 Datasheet PDF - Analog Devices
Part # LT1568
Download  LT1568 Download
File Size   250.48 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Matched 7MHz Filter with Low Noise, Low Distortion Differential Amplifi er

LT1568 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1568 Datasheet PDF - Analog Devices

Part # LT1568
Download  LT1568 Click to download

File Size   250.48 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Matched 7MHz Filter with Low Noise, Low Distortion Differential Amplifi er

LT1568 Datasheet (HTML) - Analog Devices


LT1568 Product details

FEATURES
n Two Matched 7MHz 2nd Order Lowpass Filters with
Differential Amplifi ers
Gain Match: ±0.35dB Max, Passband
Phase Match: ±1.2° Max, Passband
Single-Ended or Differential Inputs
n < –90dBc Distortion in Passband
n 2.1nV/√Hz Op Amp Noise Density
n Pin-Selectable Gain (0dB/12dB/14dB)
n Pin-Selectable Power Consumption (0.35mA/
16.2mA/33.1mA)
n Rail-to-Rail Output Swing
Adjustable Output Common Mode Voltage Control
Buffered, Low Impedance Outputs
n 2.7V to 5.25V Supply Voltage
n Small 22-Pin 6mm × 3mm × 0.75mm DFN Package




Similar Part No. - LT1568

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1568 LINER-LT1568 Datasheet
271Kb / 16P
Very Low Noise, High Frequency Active RC, Filter Building Block
LT1568 LINER-LT1568 Datasheet
223Kb / 16P
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1568 LINER-LT1568 Datasheet
203Kb / 16P
1.4nV/?숰z 180MHz Filter Building Block
LT1568 LINER-LT1568 Datasheet
213Kb / 16P
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT1568 LINER-LT1568 Datasheet
282Kb / 16P
Very Low Noise, High Frequency Active RC, Filter Building Block
More results


Similar Description - LT1568

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LT6402-6 LINER-LT6402-6 Datasheet
236Kb / 16P
300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
LTC6410-6 LINER-LTC6410-6 Datasheet
345Kb / 16P
Low Distortion, Low Noise Differential IF Amplifi er with Confi gurable Input Impedance
LTC6605-7 LINER-LTC6605-7 Datasheet
249Kb / 20P
Dual Matched 7MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6605-10 LINER-LTC6605-10 Datasheet
263Kb / 20P
Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LTC6605-14 LINER-LTC6605-14 Datasheet
258Kb / 20P
Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifi er
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LTC6605-7 LINER-LTC6605-7_15 Datasheet
255Kb / 20P
Dual Matched 7MHz Filter with Low Noise, Low Distortion Differential Amplifier
LTC6605-10 LINER-LTC6605-10_15 Datasheet
269Kb / 20P
Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifier
LTC6605-14 LINER-LTC6605-14_15 Datasheet
263Kb / 20P
Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com