Electronic Components Datasheet Search
  English  ▼

X  

LTC1562 Datasheet (PDF) - Analog Devices

LTC1562 Datasheet PDF - Analog Devices
Part # LTC1562
Download  LTC1562 Download
File Size   183.68 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A.

LTC1562 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC1562 Datasheet PDF - Analog Devices

Part # LTC1562
Download  LTC1562 Click to download

File Size   183.68 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A.

LTC1562 Datasheet (HTML) - Analog Devices


LTC1562 Product details

FEATURES
■ 4-Bit Digitally Controlled 8th-Order Lowpass Filter
– fCUTOFF Adjustable from 10kHz to 150kHz in 10kHz
Steps
– 100dB Attenuation at 2.5 × fCUTOFF
■ 4-Bit Digitally Controlled Programmable Gain
Amplifier
– G = 1 to 16 in 1V/V Steps
■ Miniature 16-Pin SSOP Package
■ No External Components
■ 122dB Total System Dynamic Range
■ Rail-to-Rail Input and Output Range
■ 2.7V to 10V Operation
■ Low Noise Mute Mode
■ Low Power Shutdown Mode
■ Available in 16-Lead Plastic SSOP Package




Similar Part No. - LTC1562

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1562 LINER-LTC1562 Datasheet
490Kb / 28P
Very Low Noise, Low Distortion Active RC Quad Universal Filter
LTC1562 LINER-LTC1562 Datasheet
203Kb / 16P
1.4nV/?숰z 180MHz Filter Building Block
logo
Linear Integrated Syste...
LTC1562 LINEAR-LTC1562 Datasheet
319Kb / 28P
Very Low Noise, Low Distortion Active RC Quad Universal Filter
logo
Analog Devices
LTC1562 AD-LTC1562 Datasheet
330Kb / 16P
High Performance Triple Universal Filter Building Block
REV E
LTC1562 AD-LTC1562 Datasheet
294Kb / 20P
Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
More results


Similar Description - LTC1562

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1564 LINER-LTC1564 Datasheet
227Kb / 12P
10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A
logo
Xicor Inc.
AN135 XICOR-AN135 Datasheet
51Kb / 5P
Sensor Circuits and Digitally Controlled Potentiometers
logo
Faraday Technology
TFT1350F FARADAY-TFT1350F Datasheet
61Kb / 2P
ANTIALIASING AND RECONSTRUCTION FILTERS
GFG1350F FARADAY-GFG1350F Datasheet
122Kb / 2P
ANTIALIASING FILTERS
logo
EUROQUARTZ limited
CX1VSM EUROQUARTZ-CX1VSM Datasheet
296Kb / 2P
Frequency Range 10kHz to 600kHz
logo
Analog Devices
AD7341 AD-AD7341_15 Datasheet
5Mb / 16P
LC MOS VOICEVAND RECONSTRUCTION AND ANTIALIASING FILTER SET
REV. A
logo
Linear Technology
LTC1564 LINER-LTC1564_15 Datasheet
188Kb / 12P
10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A
logo
Intersil Corporation
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
Digitally Controlled Potentiometer
July 20, 2009
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
Digitally Controlled Potentiometer
July 31, 2014
logo
Faraday Technology
FL872 FARADAY-FL872 Datasheet
81Kb / 2P
ANTIALIASING FILTER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com