Electronic Components Datasheet Search
  English  ▼

X  

85381000 Datasheet (PDF) - ABB

85381000 Datasheet PDF - ABB
Part # 85381000
Download  85381000 Download
File Size   38.34 Kbytes
Page   2 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description IP44-SNAP-ON COVER-D. 80 H. 80 - GWT 650°C

85381000 Datasheet (PDF)

Go To PDF Page Download Datasheet
85381000 Datasheet PDF - ABB

Part # 85381000
Download  85381000 Click to download

File Size   38.34 Kbytes
Page   2 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description IP44-SNAP-ON COVER-D. 80 H. 80 - GWT 650°C

85381000 Datasheet (HTML) - ABB


85381000 Product details

Long Description:
IP44-SNAP-ON COVER-D. 80 H. 80 - GWT 650°C




Similar Part No. - 85381000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8538 PHOENIX-8538 Datasheet
334Kb / 25P
AXL E EC DI8 DO4 2A M12 6M
logo
Integrated Device Techn...
8538-31 IDT-8538-31 Datasheet
226Kb / 14P
LVPECL Fanout Buffer
logo
Renesas Technology Corp
8538-31 RENESAS-8538-31 Datasheet
410Kb / 15P
Low Skew, 1-to-8, Crystal Oscillator/LVCMOS-TO-3.3V LVPECL Fanout Buffer
Rev B 7/10/15
logo
ABB
85389099 ABB-85389099 Datasheet
78Kb / 3P
OTS800G1L TERMINAL SHROUD
85389099 ABB-85389099 Datasheet
36Kb / 1P
LW140 Terminal Enlargement
More results


Similar Description - 85381000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50P08-25L VISHAY-SUD50P08-25L Datasheet
104Kb / 7P
P-Channel 80-V (D-S) 175 °C MOSFET
06-Aug-07
logo
Molex Electronics Ltd.
0345650003 MOLEX4-0345650003 Datasheet
140Kb / 2P
MX123??73/80 Circuit Dress Cover
logo
STMicroelectronics
TDA7498L STMICROELECTRONICS-TDA7498L Datasheet
975Kb / 27P
80 watt 80 watt dual BTL class-D audio amplifier
12-Sep-2011
logo
Molex Electronics Ltd.
130112-0160 MOLEX11-130112-0160 Datasheet
39Kb / 1P
Construction Snap-on Bottom Cover
logo
Vishay Telefunken
SUD40N08-16 TFUNK-SUD40N08-16 Datasheet
72Kb / 5P
N-Channel 80-V (D-S) 175C MOSFET
logo
Molex Electronics Ltd.
1301120160 MOLEX11-1301120160 Datasheet
32Kb / 1P
Construction Snap-on Bottom Cover
logo
Vishay Siliconix
SUD50P08-26 VISHAY-SUD50P08-26 Datasheet
87Kb / 7P
P-Channel 80-V (D-S) 175 °C MOSFET
06-Aug-07
SIDR5802EP VISHAY-SIDR5802EP Datasheet
178Kb / 7P
N-Channel 80 V (D-S) 175 °C MOSFET
14-Feb-2022
SUD50P08-25L VISHAY-SUD50P08-25L_V01 Datasheet
86Kb / 7P
P-Channel 80-V (D-S) 175 °C MOSFET
06-Aug-07
SUD40N08-16 VISHAY-SUD40N08-16_V01 Datasheet
71Kb / 5P
N-Channel 80-V (D-S) 175C MOSFET
23-Feb-04
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com