Electronic Components Datasheet Search
  English  ▼

X  

PCO104589 Datasheet (PDF) - Glamox

PCO104589 Datasheet PDF - Glamox
Part # PCO104589
Download  PCO104589 Download
File Size   172.64 Kbytes
Page   2 Pages
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox
Description PACO-70 WH 1400 DALI930 60°

PCO104589 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCO104589 Datasheet PDF - Glamox

Part # PCO104589
Download  PCO104589 Click to download

File Size   172.64 Kbytes
Page   2 Pages
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox
Description PACO-70 WH 1400 DALI930 60°

PCO104589 Datasheet (HTML) - Glamox




Similar Part No. - PCO104589

ManufacturerPart #DatasheetDescription
logo
Glamox
PCO104581 GLAMOX-PCO104581 Datasheet
170Kb / 2P
PACO-70 WH 1400 DALI930 20°
PCO104583 GLAMOX-PCO104583 Datasheet
170Kb / 2P
PACO-70 WH 1400 DALI940 20°
PCO104584 GLAMOX-PCO104584 Datasheet
170Kb / 2P
PACO-70 BL 1400 DALI 93050°
PCO104585 GLAMOX-PCO104585 Datasheet
175Kb / 2P
PACO-70 WH 1400 DALI930 50°
PCO104586 GLAMOX-PCO104586 Datasheet
170Kb / 2P
PACO-70 BL 1400 DALI 94050°
More results


Similar Description - PCO104589

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
2N4361-2N4371 POWEREX-2N4361-2N4371 Datasheet
796Kb / 4P
Phase Control SCR 70 Amoeres Average(110 RMS) 1400 Volts
logo
Unisonic Technologies
70N06 UTC-70N06 Datasheet
158Kb / 8P
70 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
Vishay Siliconix
60MT80KPBF VISHAY-60MT80KPBF Datasheet
132Kb / 6P
Three Phase Bridge (Power Modules), 60/70 A
29-Apr-08
logo
Unisonic Technologies
70N06 UTC-70N06_09 Datasheet
344Kb / 8P
70 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
Vishay Siliconix
60-70MT..KPBF VISHAY-60-70MT..KPBF Datasheet
166Kb / 8P
Three Phase Bridge (Power Modules), 60/70 A
29-Apr-08
logo
PHOENIX CONTACT
0806961 PHOENIX-0806961 Datasheet
67Kb / 3P
Engraving material - GPE 60 X 30 WH
logo
Vishay Siliconix
VS-MTKPBF VISHAY-VS-MTKPBF Datasheet
210Kb / 8P
Three Phase Bridge (Power Modules), 60/70 A
14-Sep-17
VS-60-70MT..KPBF VISHAY-VS-60-70MT..KPBF Datasheet
210Kb / 8P
Three Phase Bridge (Power Modules), 60/70 A
14-Sep-17
logo
Kemet Corporation
080MS12AAMA1STD KEMET-080MS12AAMA1STD Datasheet
589Kb / 7P
MS/MD, 60°C/70°C
6/21/2021
logo
Vishay Siliconix
VS-60-70MT..KPBF VISHAY-VS-60-70MT..KPBF_V02 Datasheet
210Kb / 8P
Three Phase Bridge (Power Modules), 60/70 A
14-Sep-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com