Electronic Components Datasheet Search
  English  ▼

X  

41124 Datasheet (PDF) - TE Connectivity Ltd

41124 Datasheet PDF - TE Connectivity Ltd
Part # 41124
Download  41124 Download
File Size   1577.58 Kbytes
Page   4 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Ring Terminals & Spade Terminals, Ring Tongue, 12 - 10 AWG Wire Size, 3 — 6 mm2 Wire Size, 6529 — 10382 CMA Wire Size, Stud Size #10

41124 Datasheet (PDF)

Go To PDF Page Download Datasheet
41124 Datasheet PDF - TE Connectivity Ltd

Part # 41124
Download  41124 Click to download

File Size   1577.58 Kbytes
Page   4 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description Ring Terminals & Spade Terminals, Ring Tongue, 12 - 10 AWG Wire Size, 3 — 6 mm2 Wire Size, 6529 — 10382 CMA Wire Size, Stud Size #10

41124 Datasheet (HTML) - TE Connectivity Ltd


41124 Product details

Features
Product Type Features
Shape Description Circular/Oval
Stud Size #10
Sealable No
Compatible With Discrete Wire Type Stranded
Wire Insulation Support Retention Type Insulation Support
Configuration Features
Number of Holes 1
Terminal Angle 180°
Contact Features
Contact Base Material Brass
Ring & Spade Terminal Type Ring Tongue
Barrel Type Open
Terminal Orientation Straight
Terminal Plating Material Tin
Contact Underplating Material None




Similar Part No. - 41124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4112-AQ0025 ETC1-4112-AQ0025 Datasheet
122Kb / 2P
Heavy Duty Incremental Rotary Shaft Encoder
4112-AQ4096 ETC1-4112-AQ4096 Datasheet
124Kb / 2P
Heavy Duty Incremental Rotary Shaft Encoder
4112-AS0025 ETC1-4112-AS0025 Datasheet
122Kb / 2P
Heavy Duty Incremental Rotary Shaft Encoder
4112-AS4096 ETC1-4112-AS4096 Datasheet
124Kb / 2P
Heavy Duty Incremental Rotary Shaft Encoder
4112-BQ0025 ETC1-4112-BQ0025 Datasheet
122Kb / 2P
Heavy Duty Incremental Rotary Shaft Encoder
More results


Similar Description - 41124

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190690219 MOLEX4-0190690219 Datasheet
67Kb / 2P
Krimptite??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 1/4
0191640061 MOLEX4-0191640061 Datasheet
111Kb / 2P
Perma-Seal??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 6
0191640065 MOLEX4-0191640065 Datasheet
111Kb / 2P
Perma-Seal??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 10
0191930137 MOLEX4-0191930137 Datasheet
87Kb / 2P
VersaKrimp??Ring Tongue Terminal for 10-12 AWG Wire, 3/8" (M9) Stud Size
0191930149 MOLEX4-0191930149 Datasheet
89Kb / 3P
VersaKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 10
logo
Tyco Electronics
2-130171-1 MACOM-2-130171-1 Datasheet
52Kb / 1P
TERMINAL RING TONGUE, PIDG, WIRE SIZE 12:10
35108 MACOM-35108 Datasheet
79Kb / 1P
WIRE TERMINAL P.I.D.G RING TONGUE WIRE SIZE: 12-10
53424 MACOM-53424 Datasheet
83Kb / 1P
TERMINAL, RING TONGUE, PVF2, PIDG WIRE SIZE: 12-10 AWG
logo
TE Connectivity Ltd
35110 TEC-35110 Datasheet
76Kb / 1P
TERMINAL, RING TONGUE, PIDG WIRE SIZE: 12 - 10 AWG
8-320882-1 TEC-8-320882-1 Datasheet
458Kb / 5P
Ring Terminals & Spade Terminals, Ring Tongue, 22 – 16 AWG Wire Size, .3 – 1.42 mm² Wire Size, 509 – 3260 CMA Wire Size, Stud Size #4 / M2.5, PIDG
09/30/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com