Electronic Components Datasheet Search
  English  ▼

X  

TPS923611LSDRLR Datasheet (PDF) - Texas Instruments

TPS923611LSDRLR Datasheet PDF - Texas Instruments
Part # TPS923611LSDRLR
Download  TPS923611LSDRLR Download
File Size   3234.82 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS923610/1/2 30V Synchronous Boost LED Driver with Ultra-low Shutdown Current and 0.1%-ratio PWM Controlled Analog Dimming

TPS923611LSDRLR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS923611LSDRLR Datasheet PDF - Texas Instruments

Part # TPS923611LSDRLR
Download  TPS923611LSDRLR Click to download

File Size   3234.82 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS923610/1/2 30V Synchronous Boost LED Driver with Ultra-low Shutdown Current and 0.1%-ratio PWM Controlled Analog Dimming

TPS923611LSDRLR Datasheet (HTML) - Texas Instruments


TPS923611LSDRLR Product details

1 Features
• 2.5V to 5.5V input voltage
• Integrated 280mΩ/600mΩ LS/HS switch FETs
• Up to 95% efficiency
• 130nA ultra-low shutdown current
• High-accuracy PWM controlled analog dimming
down to 0.1% dimming ratio
• Drives LED string up to
– 24.5V for TPS923610
– 30V for TPS923611 and TPS923612
• Switch current limit
– 1.8A for TPS923610 and TPS923611
– 2.25A for TPS923612
• FCCM with 1.1MHz/400KHz switching frequency
options
• 200mV feedback voltage
• Internal compensation
• Protection Features
– Over-voltage protection
– Over-current protection
– Under-voltage lockout protection
– Thermal shutdown

2 Applications
• LCD back lighting
– Smartphone
– Thermostat
– HMI panel
– GPS personal navigation device
– Dashboard camera
• General illumination
– IP network camera
– Video doorbell
– Vacuum robot

3 Description
The TPS923610/1/2 is a synchronous boost LED
driver that integrates both low-side and high-side
switch FETs. It features an ultra-low 130nA shutdown
current. The TPS923610/1/2 can drive single or
parallel LED strings for LCD back lighting and general
illumination.
The feedback voltage is regulated to 200mV and
the output current is set by an external sensor
resistor, RSET, as shown in the Simplified Schematic.
During operation, a PWM signal applied to ADIM
pin adjusts the feedback voltage proportionally to the
PWM duty cycle, enabling precise analog dimming.
The TPS923610/1/2 supports PWM controlled analog
dimming with ratio as low as 0.1%, along with FCCM
operation, avoiding audible noises at the output since
current modulation remains purely analog.
The TPS923610/1/2 integrates over-voltage
protection that disables the power stage to prevent
the output voltage from exceeding the absolute
maximum voltage rating during LED open conditions.
The TPS923610/1/2 also provides over-current
protection, under-voltage lockout protection and
thermal shutdown protection.




Similar Part No. - TPS923611LSDRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS923611LSDRLR TI2-TPS923611LSDRLR Datasheet
2Mb / 28P
TPS923610/1/2 30V Synchronous Boost LED Driver with Ultra-low Shutdown Current and 0.1%-ratio PWM Controlled Analog Dimming
REVISED OCTOBER 2025
TPS923611LSDRLR TI2-TPS923611LSDRLR Datasheet
2Mb / 28P
TPS923610/1/2 30V Synchronous Boost LED Driver with Ultra-low Shutdown Current and 0.1%-ratio PWM Controlled Analog Dimming
REVISED OCTOBER 2025
More results


Similar Description - TPS923611LSDRLR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16816 MAXIM-MAX16816 Datasheet
341Kb / 33P
Programmable Switch-Mode LED Driver with Analog-Controlled PWM Dimming
Rev 0; 1/08
logo
Diodes Incorporated
ZXLD1352 DIODES-ZXLD1352 Datasheet
280Kb / 21P
30V 350mA LED DRIVER WITH 1000:1 PWM DIMMING AND AEC-Q100
Rev 3
AL1794EV1 DIODES-AL1794EV1 Datasheet
910Kb / 13P
Quad-Channel Current-Ratio-Optimized LED Driver with Analog and PWM Dimming
Rev 1
logo
Bright Power Semiconduc...
BP1360 BPS-BP1360 Datasheet
139Kb / 2P
30V/500mA High Dimming Ratio LED Constant Current Driver
BP1361 BPS-BP1361 Datasheet
139Kb / 2P
30V/750mA High Dimming Ratio LED Constant Current Driver
logo
Shanghai awinic technol...
AW9920 AWINIC-AW9920 Datasheet
1Mb / 16P
Inductor-Boost White LED Driver with Ultra-low EMI and PWM to DC Dimming
logo
Allegro MicroSystems
A80603 ALLEGRO-A80603 Datasheet
4Mb / 30P
LED Driver with Pre-Emptive Boost for Ultra-High Dimming Ratio and Low Output Ripple
ALT80600 ALLEGRO-ALT80600 Datasheet
4Mb / 33P
LED Driver with Pre-Emptive Boost for Ultra-High Dimming Ratio and Low Output Ripple
logo
ON Semiconductor
LV52207XA ONSEMI-LV52207XA Datasheet
3Mb / 18P
Dual channel LED Boost Driver with PWM and 1-Wire Dimming
June, 2014
logo
Guangdong Youtai Semico...
PT4115 UMW-PT4115 Datasheet
1Mb / 9P
30V / 1.2A high dimming ratio LED constant current driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com