Electronic Components Datasheet Search
  English  ▼

X  

SMBJ200A Datasheet (PDF) - DAESAN ELECTRONIC CORP.

SMBJ200A Datasheet PDF - DAESAN ELECTRONIC CORP.
Part # SMBJ200A
Download  SMBJ200A Download
File Size   256.22 Kbytes
Page   4 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description TRANSIENT VOLTAGE SUPPRESSOR

SMBJ200A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMBJ200A Datasheet PDF - DAESAN ELECTRONIC CORP.

Part # SMBJ200A
Download  SMBJ200A Click to download

File Size   256.22 Kbytes
Page   4 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description TRANSIENT VOLTAGE SUPPRESSOR

SMBJ200A Datasheet (HTML) - DAESAN ELECTRONIC CORP.


SMBJ200A Product details

Features
· Glass Passivated Die Construction
· 600W Peak Pulse Power Dissipation
· 5.0V – 440V Standoff Voltage
· Uni and Bi-Directional Versions Available
· Excellent Clamping Voltage
· Typical Response Time < 1ns
· Plastic Case Material has UL Flammability
Classification Rating 94V-0




Similar Part No. - SMBJ200A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ200A LITTELFUSE-SMBJ200A Datasheet
255Kb / 4P
Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
logo
MDE Semiconductor, Inc.
SMBJ200A MDE-SMBJ200A Datasheet
92Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
GOOD-ARK Electronics
SMBJ200A GOOD-ARK-SMBJ200A Datasheet
235Kb / 4P
Surface Mount Transient Voltage Suppressors
logo
Silicon Standard Corp.
SMBJ200A SSC-SMBJ200A Datasheet
801Kb / 4P
Transient Voltage Suppressors
logo
Littelfuse
SMBJ200A LITTELFUSE-SMBJ200A Datasheet
144Kb / 5P
Transient Voltage Suppression Diodes
More results


Similar Description - SMBJ200A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com