Electronic Components Datasheet Search
  English  ▼

X  

SCW08W8 Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

SCW08W8 Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # SCW08W8
Download  SCW08W8 Download
File Size   250.73 Kbytes
Page   6 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 8W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter

SCW08W8 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCW08W8 Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # SCW08W8
Download  SCW08W8 Click to download

File Size   250.73 Kbytes
Page   6 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 8W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter

SCW08W8 Datasheet (HTML) - Mean Well Enterprises Co., Ltd.


SCW08W8 Product details

Features
DIP24 package with industry standard pinout
8:1(9-75Vdc) ultra-wide input range
Operating temperature range -40 ~ +90
No minimum load required
Comply to BS EN/EN55032 radiated Class A without
additional components
High efficiency up to 86%
Protections: Short circuit (Continuous) / Overload / Over voltage.
Remote ON/OFF control (Optional)
3Kvdc I/O isolation
3 years warranty




Similar Part No. - SCW08W8

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SCW08 MEANWELL-SCW08 Datasheet
372Kb / 1P
8W DC-DC Regulated Single Output Converter
SCW08 MEANWELL-SCW08 Datasheet
375Kb / 1P
8W DC-DC Regulated Single Output Converter
SCW08A-05 MEANWELL-SCW08A-05 Datasheet
372Kb / 1P
8W DC-DC Regulated Single Output Converter
SCW08A-05 MEANWELL-SCW08A-05 Datasheet
375Kb / 1P
8W DC-DC Regulated Single Output Converter
SCW08A-12 MEANWELL-SCW08A-12 Datasheet
372Kb / 1P
8W DC-DC Regulated Single Output Converter
More results


Similar Description - SCW08W8

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRB0503YD-2000 MICRODC-WRB0503YD-2000 Datasheet
673Kb / 4P
8W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Delta Electronics, Inc.
DL03S2403A DELTA-DL03S2403A Datasheet
215Kb / 5P
3W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
logo
Microdc power Technolog...
15B-ZPD MICRODC-15B-ZPD Datasheet
725Kb / 3P
15W, WIDE INPUT, DIP PACKAGE,ISOLATED REGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
MicroPower Direct, LLC
MR0802S-03RUI MPD-MR0802S-03RUI Datasheet
569Kb / 2P
Ultra-Wide Input, 8W Compact DIP, Railway DC/DC Converters
logo
Minmax Technology Co., ...
MDWI08 MINMAX-MDWI08 Datasheet
430Kb / 4P
DC/DC CONVERTER 8W, Regulated Output, DIP Package
logo
MORNSUN Science& Techno...
URA2405ZP-6WR3 MORNSUN-URA2405ZP-6WR3 Datasheet
2Mb / 5P
6W,Ultra wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
URA2405ZP-10WR3 MORNSUN-URA2405ZP-10WR3 Datasheet
1Mb / 5P
10W, Ultra wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
URB2403YMD-15WR3 MORNSUN-URB2403YMD-15WR3 Datasheet
2Mb / 8P
15W isolated DC-DC converter DIP package with Ultra-wide Input and Regulated Single Output
URB2403YMD-20WR3 MORNSUN-URB2403YMD-20WR3 Datasheet
2Mb / 9P
20W isolated DC-DC converter DIP package with Ultra-wide Input and Regulated Single Output
URB2405JMDT-10W MORNSUN-URB2405JMDT-10W Datasheet
1Mb / 6P
10W, Ultra wide input, isolated & regulated single output, DIP/SMD package, DC-DC converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com