Electronic Components Datasheet Search
  English  ▼

X  

HWB12 Datasheet (PDF) - Littelfuse

HWB12 Datasheet PDF - Littelfuse
Part # HWB12
Download  HWB12 Download
File Size   156.75 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 58 V 135 A Hard-Wired Waterproof DC Power Distribution Box

HWB12 Datasheet (PDF)

Go To PDF Page Download Datasheet
HWB12 Datasheet PDF - Littelfuse

Part # HWB12
Download  HWB12 Click to download

File Size   156.75 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 58 V 135 A Hard-Wired Waterproof DC Power Distribution Box

HWB12 Datasheet (HTML) - Littelfuse


HWB12 Product details

Description
Ideal for use as the main unit on small vehicles or for accessory
circuits and overflow circuits from your main power distribution
module (PDM), the compact HWB12 Series 58 V 135 A Hard-
Wired Waterproof DC Power Distribution Box accepts MINI®
fuses, MINI® circuit breakers, 4-pin single-pole, single-throw
(SPST) relays, and 5-pin single-pole, double-throw (SPDT) relays
and MCASE™ fuses (adapter required; sold separately).
This hard-wired PDM allows you to customize your own
circuitry utilizing direct wire-to-component connections which
are crimped to the wire harness with grommets to seal the
bottom of the module. Terminal position assurance locks offer
secondary protection to keep the wires in place. The HWB12
series uses TYCO MCP terminals, cable seals, and cavity plugs.
Available with a clear or black cover with a gasket, this dusttight,
waterproof power distribution box carries an IP67 rating,
and it features AssureLatch™ positive-sealing latches that keep
the cover securely in place. The clear cover option lets you
easily see the condition of the installed fuses, and the black
cover offers a full UL 94 V-0 flammability rating for applications
that require it. An available tether (sold separately) helps
prevent loss of the cover during service.

Applications
• Work Trucks and Specialty
Equipment
• Emergency Vehicles
• Construction Site Support
Equipment
• Oil and Gas Drilling
Equipment
• Marine Vehicles and
Equipment

Features and Benefits
• Holds six MINI® fuses or a combination of MINI® fuses,
MINI® circuit breakers, 4-pin SPST relays, and 5-pin
SPDT relays and MCASE™ fuses (adapter required; sold
separately)
• 135 A maximum total continuous current
• Clear or black cover is sealed with a gasket to an IP67
rating to deliver a waterproof power distribution box that
is safeguarded from dust, moisture, and debris
• AssureLatch™ positive-sealing latches keep the cover
securely in place while allowing for fast service
• Thermoplastic base with a UL 94 V-0 flammability rating
• Terminal position assurance locks help prevent
disconnection of wires due to vibration and accidental
snagging
• Optional foam insert available for relay retention
• High-temperature gore vents allow heat and pressure to
be released while maintaining IP ratings




Similar Part No. - HWB12

ManufacturerPart #DatasheetDescription
logo
Littelfuse
HWB18 LITTELFUSE-HWB18 Datasheet
203Kb / 2P
HWB18 SEALED POWER DISTRIBUTION MODULE
More results


Similar Description - HWB12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4809N ONSEMI-NTD4809N Datasheet
276Kb / 8P
Power MOSFET 30 V, 58 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 11
logo
Hammond Manufacturing L...
169C HAMMOND-169C Datasheet
290Kb / 1P
Straight Isolation - Hard Wired (169 Series)
logo
ETAL Group
19BGT ETAL-19BGT Datasheet
747Kb / 6P
Power-D-Box with sockets pre-wired
logo
Bel Fuse Inc.
DCPDU BEL-DCPDU Datasheet
678Kb / 6P
DC POWER DISTRIBUTION UNIT
logo
ON Semiconductor
NTMFS6H818NL ONSEMI-NTMFS6H818NL Datasheet
136Kb / 6P
MOSFET - Power, Single N-Channel 80 V, 3.2 m, 135 A
March, 2020 ??Rev. 0
logo
Hammond Manufacturing L...
170G HAMMOND-170G Datasheet
124Kb / 1P
Hard Wired 170 Series
2/7/2021
logo
Schneider Electric
STBPDT3100K SCHNEIDER-STBPDT3100K Datasheet
113Kb / 5P
standard power distribution kit STB - 24 V DC
Aug 11, 2019
STBPDT3100K SCHNEIDER-STBPDT3100K_V01 Datasheet
138Kb / 5P
standard power distribution kit STB - 24 V DC
Apr 7, 2022
logo
ON Semiconductor
NTTYS009N08HL ONSEMI-NTTYS009N08HL Datasheet
343Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 9 m, 58 A
May, 2021 ??Rev. 0
logo
Schneider Electric
9080LBA362104 SCHNEIDER-9080LBA362104 Datasheet
126Kb / 3P
9080LBA362104 Power Distribution Block, 3 pole, 1 line, 4 load, 175 A 600 V CU / 135 A 600 V AL
Jan 20, 2021
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com