Electronic Components Datasheet Search
  English  ▼

X  

MQDEC-415SS Datasheet (PDF) - Banner Engineering Corp.

MQDEC-415SS Datasheet PDF - Banner Engineering Corp.
Part # MQDEC-415SS
Download  MQDEC-415SS Download
File Size   3815.74 Kbytes
Page   17 Pages
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.
Description WLF12 Flexible LED Strip Light

MQDEC-415SS Datasheet (PDF)

Go To PDF Page Download Datasheet
MQDEC-415SS Datasheet PDF - Banner Engineering Corp.

Part # MQDEC-415SS
Download  MQDEC-415SS Click to download

File Size   3815.74 Kbytes
Page   17 Pages
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.
Description WLF12 Flexible LED Strip Light

MQDEC-415SS Datasheet (HTML) - Banner Engineering Corp.


MQDEC-415SS Product details

Features
Banner’s WLF12 Flexible LED Strip Light has been engineered to integrate easily into a broad range of industrial applications and environments. Its rugged yet flexible housing can be cut to length, allowing users to customize the light to their ideal shape. The light installs easily with integral high-strength adhesive tape, for creative use on a work station, assembly station, machine, or in a cabinet.

• Provides bright illumination in workspaces, cabinets, and machines with 285 lumens per 300 mm
• Durable, silicone-encapsulated housing provides long-lasting, worry-free performance
• 24 V DC EMI hardened circuitry ensures flicker-free operation and uniform light output
• Plug-and-play standard M12 connections simplify installation by eliminating soldering
• Peel-and-stick installation using high-strength adhesive backing ensures quick and secure mounting
• Six housing lengths (from 300 mm to 4000 mm) can be cut in 50 mm increments to fit exact application specifications
• Rated IP67 and IP69K per DIN 40050-9 to withstand harsh conditions; is dust-resistant and tolerant of high temperatures
• Optional brackets are available for an even more secure installation and positioning
• Both straight and curved installation possible




Similar Part No. - MQDEC-415SS

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
MQDEC-415SS BANNER-MQDEC-415SS Datasheet
7Mb / 10P
R70ER Ethernet Data Radio
01-Oct-24
MQDEC-415SS-PUR BANNER-MQDEC-415SS-PUR Datasheet
520Kb / 8P
K50 Pro Touch Button with IO-Link
More results


Similar Description - MQDEC-415SS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OVQ12S30B7 ETC2-OVQ12S30B7 Datasheet
331Kb / 3P
Flexible LED Light Strip
OVQ12S30R7 ETC2-OVQ12S30R7 Datasheet
331Kb / 3P
Flexible LED Light Strip
logo
BetLux Electronics
TLS-F3-96 BETLUX-TLS-F3-96 Datasheet
54Kb / 1P
Flexible LED strip light, Mono color, flat top LED type
REV NO: V.2
TLS-SMD-10F BETLUX-TLS-SMD-10F Datasheet
99Kb / 2P
LED strip light, Mono color, Top LED type, Flexible
REV NO: V.2
TLS-SMD-10F-RGB BETLUX-TLS-SMD-10F-RGB Datasheet
96Kb / 2P
LED strip light, RGB color, Top LED type, Flexible
REV NO: V.2
TLS-SMD-10F-RGB-30N BETLUX-TLS-SMD-10F-RGB-30N Datasheet
101Kb / 1P
LED strip light, RGB color, Top LED type, Flexible
REV NO: V.2
TLS-SMD-10F-RGB-60N BETLUX-TLS-SMD-10F-RGB-60N Datasheet
109Kb / 2P
LED strip light, RGB color, Top LED type, Flexible
REV NO: V.2
TLS-SMD-300 BETLUX-TLS-SMD-300 Datasheet
92Kb / 2P
Flexible LED strip light, Mono color and RGB color
REV NO: V.2
logo
TT Electronics.
OVQ12S30X7 TTELEC-OVQ12S30X7 Datasheet
706Kb / 3P
Flexible LED Light Strip 30 LEDs per strip
QVQ12S30X7 TTELEC-QVQ12S30X7 Datasheet
331Kb / 3P
Flexible LED Light Strip 30 LEDs per strip
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com