Electronic Components Datasheet Search
  English  ▼

X  

NCV7410 Datasheet (PDF) - ON Semiconductor

NCV7410 Datasheet PDF - ON Semiconductor
Part # NCV7410
Download  NCV7410 Download
File Size   428.63 Kbytes
Page   66 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Automotive Ethernet Transceiver (MAC-PHY) 10BASE-T1S MultiDrop

NCV7410 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCV7410 Datasheet PDF - ON Semiconductor

Part # NCV7410
Download  NCV7410 Click to download

File Size   428.63 Kbytes
Page   66 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Automotive Ethernet Transceiver (MAC-PHY) 10BASE-T1S MultiDrop

NCV7410 Datasheet (HTML) - ON Semiconductor


NCV7410 Product details

Description
The NCV7410 device is an IEEE 802.3cg−compliant Ethernet
Transceiver with an integrated Media Access Controller
(MAC−PHY).
The NCV7410 can communicate with multiple nodes connected to a
shared medium (UTP) at 10 Mbps. It consists of CSMA/CD MAC and
PHY with Physical Layer Collision Avoidance (PLCA). PLCA
prevents collisions at the physical layer and, therefore, improves the
throughput of CSMA/CD. The NCV7410 uses SPI (with a clock up to
25 MHz) as an interface to host MCU.

Features
• Compliant to IEEE 802.3cg 2019
♦ Supports Half−Duplex, Multidrop Mode
• Physical Layer Collision Avoidance (PLCA)
• SPI Interface (OPEN Alliance 10BASE−T1x MAC−PHY Serial
Interface)
• Distance Measurement between Nodes
• Single 3.3 V Supply Operation
• Transmitter Optimized for Capacitive Coupling to UTP Cable
• MDI Pins Protected against:
♦ ±6 kV ESD (HBM, IEC61000−4−2)
♦ Transient Pulses (ISO7637)
• Operating Ambient Temperature −40°C to +125°C (TAMB_Class1)
• Junction Temperature Range −40°C to +150°C

Environment
• These are Pb−Free Devices
Typical Applications
• Automotive
• Agricultural Machinery
• Machine Control

Quality
• Wettable Flank Package for Enhanced Optical Inspection
• NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable




Similar Part No. - NCV7410

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7420 ONSEMI-NCV7420 Datasheet
235Kb / 16P
LIN Transceiver with 3.3V or 5 V Voltage Regulator
March, 2009 ??Rev. 1
NCV7420D23G ONSEMI-NCV7420D23G Datasheet
235Kb / 16P
LIN Transceiver with 3.3V or 5 V Voltage Regulator
March, 2009 ??Rev. 1
NCV7420D23G ONSEMI-NCV7420D23G Datasheet
262Kb / 21P
LIN Transceiver with 3.3V or 5 V Voltage Regulator
April, 2012 ??Rev. 7
NCV7420D23G ONSEMI-NCV7420D23G Datasheet
238Kb / 20P
LIN Transceiver with 3.3V or 5 V Voltage Regulator
May, 2015 ??Rev. 9
NCV7420D23R2G ONSEMI-NCV7420D23R2G Datasheet
235Kb / 16P
LIN Transceiver with 3.3V or 5 V Voltage Regulator
March, 2009 ??Rev. 1
More results


Similar Description - NCV7410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INT5130 ETC1-INT5130 Datasheet
1Mb / 38P
Integrated Powerline MAC/PHY Transceiver
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
Gigabit Ethernet PHY Transceiver
L80227 ETC1-L80227 Datasheet
689Kb / 140P
10BASE-T/ 100BASE-TX Ethernet PHY
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
Integrated 10/100 Ethernet MAC PHY
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
10/100 Ethernet MAC and PHY
logo
Maxim Integrated Produc...
78Q8430 MAXIM-78Q8430 Datasheet
1Mb / 88P
78Q8430 10/100 Ethernet MAC and PHY
Rev. 1.2
logo
Analog Devices
ADIN1110 AD-ADIN1110 Datasheet
1Mb / 104P
Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
10/2021-Revision 0
logo
Microchip Technology
LAN8670 MICROCHIP-LAN8670 Datasheet
575Kb / 30P
10BASE-T1S Ethernet PHY Transceiver Product Brief
logo
ON Semiconductor
EVBUM2833 ONSEMI-EVBUM2833 Datasheet
839Kb / 11P
NCN26010XMNEVK 10BASE-T1S SPE Evaluation Kit
May, 2022 - Rev. 1
logo
TEKTRONIX, INC.
10BASE-T1S TEKTRONIX-10BASE-T1S Datasheet
11Mb / 9P
10BASE-T1S Automotive Ethernet Compliance Test Solution
5 Nov 2020
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com