Electronic Components Datasheet Search
  English  ▼

X  

RS3KB Datasheet (PDF) - Galaxy Semi-Conductor Holdings Limited

RS3KB Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
Part # RS3KB
Download  RS3KB Download
File Size   64.33 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description SURFACE MOUNT RECTIFIER

RS3KB Datasheet (PDF)

Go To PDF Page Download Datasheet
RS3KB Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

Part # RS3KB
Download  RS3KB Click to download

File Size   64.33 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description SURFACE MOUNT RECTIFIER

RS3KB Datasheet (HTML) - Galaxy Semi-Conductor Holdings Limited


RS3KB Product details

REVERSE VOLTAGE: 50 --- 1000 V
CURRENT: 3.0 A

FEATURES
✧ Plastic package has underwriters laborator
   flammability classification 94V-0
✧ For surface mounted applications
✧ Low profile package
✧ Built-in strain relief,ideal for automated placement
✧ Glass passivated chip junction
✧ High temperature soldering: 250°C/10 seconds at terminals

MECHANICAL DATA
✧ Case:JEDEC DO-214AA,molded plastic over
   passivated chip
✧ Terminals:Solder plated, solderable per MIL-STD-750,
   Method2026
✧ Polarity: color band denotes cathode end
✧ Weight: 0.003 ounces, 0.093 gram




Similar Part No. - RS3KB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
RS3KB DIODES-RS3KB Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER
DS15005 Rev. E-2
logo
Daya Electric Group Co....
RS3KB DAYA-RS3KB Datasheet
52Kb / 2P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
RS3KB LUGUANG-RS3KB Datasheet
167Kb / 2P
Surface Mount Rectifiers
logo
Shenzhen Taychipst Elec...
RS3KB TAYCHIPST-RS3KB Datasheet
2Mb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Diode Semiconductor Kor...
RS3KB DSK-RS3KB Datasheet
91Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Similar Description - RS3KB

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER2A PANJIT-ER2A_09 Datasheet
115Kb / 3P
SURFACE MOUNT RECTIFIER
S2A PANJIT-S2A_09 Datasheet
112Kb / 3P
SURFACE MOUNT RECTIFIER
logo
Tiger Electronic Co.,Lt...
M1 TGS-M1 Datasheet
339Kb / 1P
SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
SURFACE MOUNT RECTIFIER
logo
Taiwan Semiconductor Co...
S1GM TSC-S1GM_14 Datasheet
352Kb / 3P
Surface Mount Rectifier
logo
Pan Jit International I...
ER2D-AU PANJIT-ER2D-AU Datasheet
137Kb / 5P
SURFACE MOUNT RECTIFIER
logo
Diode Semiconductor Kor...
MURS260 DSK-MURS260 Datasheet
202Kb / 2P
SURFACE MOUNT RECTIFIER
ER3A DSK-ER3A Datasheet
156Kb / 2P
SURFACE MOUNT RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com