Electronic Components Datasheet Search
  English  ▼

X  

FMAD1623 Datasheet (PDF) - Infinite Electronics International, Inc.

FMAD1623 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMAD1623
Download  FMAD1623 Download
File Size   486.99 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Engineering Grade 2.92mm Male (Plug) to 2.4mm Female (Jack) Adapter with Stainless Steel Body

FMAD1623 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMAD1623 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMAD1623
Download  FMAD1623 Click to download

File Size   486.99 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Engineering Grade 2.92mm Male (Plug) to 2.4mm Female (Jack) Adapter with Stainless Steel Body

FMAD1623 Datasheet (HTML) - Infinite Electronics International, Inc.


FMAD1623 Product details

Features:
• VSWR of 1.25:1 max
up to 40 GHz
• Gold Over Nickel Plated
Beryllium Copper Contact




Similar Part No. - FMAD1623

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAD1620 FAIRVIEW-FMAD1620 Datasheet
492Kb / 3P
Engineering Grade 2.92mm Female (Jack) to 1.85mm Male (Plug) Adapter with Stainless Steel Body
REV 1 A
FMAD1621 FAIRVIEW-FMAD1621 Datasheet
494Kb / 3P
Engineering Grade 2.92mm Female (Jack) to 1.85mm Female (Jack) Adapter with Stainless Steel Body
REV 1.1 B
FMAD1622 FAIRVIEW-FMAD1622 Datasheet
484Kb / 3P
Engineering Grade 2.92mm Male (Plug) to 2.4mm Male (Plug) Adapter with Stainless Steel Body
REV 1 A
FMAD1624 FAIRVIEW-FMAD1624 Datasheet
490Kb / 3P
Engineering Grade 2.92mm Female (Jack) to 2.4mm Male (Plug) Adapter with Stainless Steel Body
REV 1 A
FMAD1625 FAIRVIEW-FMAD1625 Datasheet
314Kb / 4P
Engineering Grade 2.92mm Female (Jack) to 2.4mm Female (Jack) Adapter with Stainless Steel Body
A
More results


Similar Description - FMAD1623

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9454 PASTERNACK-PE9454 Datasheet
249Kb / 3P
Precision 2.92mm Female to 2.4mm Male Adapter
PE9455 PASTERNACK-PE9455 Datasheet
238Kb / 3P
Precision 2.92mm Male to 2.4mm Female Adapter
PE91296 PASTERNACK-PE91296 Datasheet
341Kb / 3P
2.92mm Female to 2.4mm Male Adapter
PE91297 PASTERNACK-PE91297 Datasheet
340Kb / 3P
2.92mm Male to 2.4mm Female Adapter
PE7024-1 PASTERNACK-PE7024-1_16 Datasheet
240Kb / 4P
1 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7089-3 PASTERNACK-PE7089-3_16 Datasheet
270Kb / 5P
3 dB Fixed Attenuator, 2.4mm Male to 2.4mm Female Passivated Stainless Steel Body
PE7089-6 PASTERNACK-PE7089-6_16 Datasheet
270Kb / 5P
6 dB Fixed Attenuator, 2.4mm Male to 2.4mm Female Passivated Stainless Steel Body
PE7089-10 PASTERNACK-PE7089-10_16 Datasheet
269Kb / 5P
10 dB Fixed Attenuator, 2.4mm Male to 2.4mm Female Passivated Stainless Steel Body
PE7089-20 PASTERNACK-PE7089-20_16 Datasheet
270Kb / 5P
20 dB Fixed Attenuator, 2.4mm Male to 2.4mm Female Passivated Stainless Steel Body
PE7089-30 PASTERNACK-PE7089-30_16 Datasheet
269Kb / 5P
30 dB Fixed Attenuator, 2.4mm Male to 2.4mm Female Passivated Stainless Steel Body
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com