Electronic Components Datasheet Search
  English  ▼

X  

FMAD1616 Datasheet (PDF) - Infinite Electronics International, Inc.

FMAD1616 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMAD1616
Download  FMAD1616 Download
File Size   490.82 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Engineering Grade 1.85mm Female (Jack) to 2.4mm Male (Plug) Adapter with Stainless Steel Body

FMAD1616 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMAD1616 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMAD1616
Download  FMAD1616 Click to download

File Size   490.82 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Engineering Grade 1.85mm Female (Jack) to 2.4mm Male (Plug) Adapter with Stainless Steel Body

FMAD1616 Datasheet (HTML) - Infinite Electronics International, Inc.


FMAD1616 Product details

Features:
• VSWR of 1.3:1 max
up to 50 GHz
• Gold Over Nickel Plated
Beryllium Copper Contact




Similar Part No. - FMAD1616

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAD1611 FAIRVIEW-FMAD1611 Datasheet
482Kb / 3P
Engineering Grade 3.5mm Male (Plug) to 3.5mm Male (Plug) Adapter with Stainless Steel Body
REV 1.0 A
FMAD1613 FAIRVIEW-FMAD1613 Datasheet
498Kb / 3P
Engineering Grade 3.5mm Female (Jack) to 3.5mm Female (Jack) Adapter with Stainless Steel Body
REV 1.0 A
FMAD1615 FAIRVIEW-FMAD1615 Datasheet
489Kb / 3P
Engineering Grade 1.85mm Male (Plug) to 2.4mm Female (Jack) Adapter with Stainless Steel Body
REV 1 A
FMAD1617 FAIRVIEW-FMAD1617 Datasheet
492Kb / 3P
Engineering Grade 1.85mm Female (Jack) to 2.4mm Female (Jack) Adapter with Stainless Steel Body
REV 1 A
FMAD1618 FAIRVIEW-FMAD1618 Datasheet
485Kb / 3P
Engineering Grade 2.92mm Male (Plug) to 1.85mm Male (Plug) Adapter with Stainless Steel Body
REV 1 A
More results


Similar Description - FMAD1616

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9674 PASTERNACK-PE9674 Datasheet
84Kb / 1P
1.85mm FEMALE TO 2.4mm MALE PRECISION ADAPTER
PE7403-3 PASTERNACK-PE7403-3 Datasheet
198Kb / 2P
3 dB Fixed Attenuator, 1.85mm Male To 1.85mm Female Passivated Stainless Steel Body
PE7403-6 PASTERNACK-PE7403-6 Datasheet
198Kb / 2P
6 dB Fixed Attenuator, 1.85mm Male To 1.85mm Female Passivated Stainless Steel Body
PE7403-20 PASTERNACK-PE7403-20 Datasheet
198Kb / 2P
20 dB Fixed Attenuator, 1.85mm Male To 1.85mm Female Passivated Stainless Steel Body
PE7403-30 PASTERNACK-PE7403-30 Datasheet
198Kb / 2P
30 dB Fixed Attenuator, 1.85mm Male To 1.85mm Female Passivated Stainless Steel Body
PE7089-3 PASTERNACK-PE7089-3_16 Datasheet
270Kb / 5P
3 dB Fixed Attenuator, 2.4mm Male to 2.4mm Female Passivated Stainless Steel Body
PE7089-6 PASTERNACK-PE7089-6_16 Datasheet
270Kb / 5P
6 dB Fixed Attenuator, 2.4mm Male to 2.4mm Female Passivated Stainless Steel Body
PE7089-10 PASTERNACK-PE7089-10_16 Datasheet
269Kb / 5P
10 dB Fixed Attenuator, 2.4mm Male to 2.4mm Female Passivated Stainless Steel Body
PE7089-20 PASTERNACK-PE7089-20_16 Datasheet
270Kb / 5P
20 dB Fixed Attenuator, 2.4mm Male to 2.4mm Female Passivated Stainless Steel Body
PE7089-30 PASTERNACK-PE7089-30_16 Datasheet
269Kb / 5P
30 dB Fixed Attenuator, 2.4mm Male to 2.4mm Female Passivated Stainless Steel Body
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com