Electronic Components Datasheet Search
  English  ▼

X  

FMAD1237 Datasheet (PDF) - Infinite Electronics International, Inc.

FMAD1237 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMAD1237
Download  FMAD1237 Download
File Size   526.57 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Precision N Male to N Male Adapter with Passivated Stainless Steel Body

FMAD1237 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMAD1237 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMAD1237
Download  FMAD1237 Click to download

File Size   526.57 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Precision N Male to N Male Adapter with Passivated Stainless Steel Body

FMAD1237 Datasheet (HTML) - Infinite Electronics International, Inc.


FMAD1237 Product details

Features:
• VSWR of 1.15:1 max
up to 18 GHz
• Contact plating according
to MIL-G-45204
• Gold over Nickel Plated
Brass Contact




Similar Part No. - FMAD1237

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAD1230 FAIRVIEW-FMAD1230 Datasheet
542Kb / 3P
Miter RA 3.5mm Female to 3.5mm Female Adapter with Passivated Stainless Steel Body
REV 1.0 A
FMAD1231 FAIRVIEW-FMAD1231 Datasheet
446Kb / 3P
Miter RA 2.4mm Female to 2.4mm Female Adapter with Passivated Stainless Steel Body
REV 1.0 A
FMAD1234 FAIRVIEW-FMAD1234 Datasheet
605Kb / 3P
SMA Female (Jack) to TNC Female (Jack) Bulkhead Adapter, Nickel Plated Brass Body, High Temp, 1.3 VSWR
REV 1.2 A
FMAD1236 FAIRVIEW-FMAD1236 Datasheet
586Kb / 3P
N Male to N Female Adapter with Passivated Stainless Steel Body
REV 1.0 A
FMAD1238 FAIRVIEW-FMAD1238 Datasheet
617Kb / 3P
Miter RA 1.85mm Female to 2.4mm Female Adapter with Passivated Stainless Steel Body
REV 1.1 A
More results


Similar Description - FMAD1237

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7004-2 PASTERNACK-PE7004-2_16 Datasheet
241Kb / 4P
2 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-4 PASTERNACK-PE7004-4_16 Datasheet
241Kb / 4P
4 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-6 PASTERNACK-PE7004-6_16 Datasheet
241Kb / 4P
6 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-7 PASTERNACK-PE7004-7_16 Datasheet
240Kb / 4P
7 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-8 PASTERNACK-PE7004-8_16 Datasheet
241Kb / 4P
8 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-9 PASTERNACK-PE7004-9_16 Datasheet
241Kb / 4P
9 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7004-12 PASTERNACK-PE7004-12_16 Datasheet
241Kb / 4P
12 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7047-7 PASTERNACK-PE7047-7_16 Datasheet
231Kb / 4P
7 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7047-10 PASTERNACK-PE7047-10_16 Datasheet
231Kb / 4P
10 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
PE7047-40 PASTERNACK-PE7047-40_16 Datasheet
231Kb / 4P
40 dB Fixed Attenuator, N Male to N Female Passivated Stainless Steel Body
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com