Electronic Components Datasheet Search
  English  ▼

X  

H12N3J Datasheet (PDF) - Guangdong Huixin Electronic Technology Co., Ltd.

H12N3J Datasheet PDF - Guangdong Huixin Electronic Technology Co., Ltd.
Part # H12N3J
Download  H12N3J Download
File Size   741.17 Kbytes
Page   5 Pages
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.
Description 30V Single N-Channel MOSFET

H12N3J Datasheet (PDF)

Go To PDF Page Download Datasheet
H12N3J Datasheet PDF - Guangdong Huixin Electronic Technology Co., Ltd.

Part # H12N3J
Download  H12N3J Click to download

File Size   741.17 Kbytes
Page   5 Pages
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.
Description 30V Single N-Channel MOSFET

H12N3J Datasheet (HTML) - Guangdong Huixin Electronic Technology Co., Ltd.


H12N3J Product details

Features:
• Fast switching speed
• 100% avalanche tested
• Improved dv/dt capability
• Enhanced Avalanche Ruggedness
• Lead Free
Applications:
• Synchronous Rectification in SMPS
• Hard Switching and High Speed Circuit
• Power Tools
• Motor Control




Similar Part No. - H12N3J

ManufacturerPart #DatasheetDescription
logo
Guangdong Huixin Electr...
H12N10J HUIXIN-H12N10J Datasheet
636Kb / 5P
100V Single N-Channel MOSFET
H12N4J HUIXIN-H12N4J Datasheet
670Kb / 5P
40V Single N-Channel MOSFET
logo
Hi-Sincerity Mocroelect...
H12N60 HSMC-H12N60 Datasheet
156Kb / 4P
N-Channel Power MOSFET (600V,12A)
logo
Guangdong Huixin Electr...
H12N60F HUIXIN-H12N60F Datasheet
619Kb / 7P
600V N-Channel MOSFET
logo
Hi-Sincerity Mocroelect...
H12N65 HSMC-H12N65 Datasheet
206Kb / 6P
N-Channel Power MOSFET (650V,12A)
More results


Similar Description - H12N3J

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDU1538 MGCHIP-MDU1538 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
MDU1536 MGCHIP-MDU1536 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 30V
logo
PFC Device Inc.
PRM5R5N03D PFC-PRM5R5N03D Datasheet
855Kb / 8P
30V Single N-Channel MOSFET
PRM5R5N03N5 PFC-PRM5R5N03N5 Datasheet
847Kb / 8P
30V Single N-Channel MOSFET
PRM6R0N03N3 PFC-PRM6R0N03N3 Datasheet
858Kb / 7P
30V Single N-Channel MOSFET
PRM9R0N03N3 PFC-PRM9R0N03N3 Datasheet
856Kb / 7P
30V Single N-Channel MOSFET
PRM012N03N3 PFC-PRM012N03N3 Datasheet
854Kb / 7P
30V Single N-Channel MOSFET
PRM2R4N03N5 PFC-PRM2R4N03N5 Datasheet
869Kb / 8P
30V Single N-Channel MOSFET
PRM3R0N03D PFC-PRM3R0N03D Datasheet
851Kb / 8P
30V Single N-Channel MOSFET
PRM4R0N03D PFC-PRM4R0N03D Datasheet
866Kb / 8P
30V Single N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com