Electronic Components Datasheet Search
  English  ▼

X  

2SD822 Datasheet (PDF) - Toshiba Semiconductor

2SD822 Datasheet PDF - Toshiba Semiconductor
Part # 2SD822
Download  2SD822 Download
File Size   97.96 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SILICON NPN TRIPLE DIFFUSED MESA TYPE

2SD822 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD822 Datasheet PDF - Toshiba Semiconductor

Part # 2SD822
Download  2SD822 Click to download

File Size   97.96 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SILICON NPN TRIPLE DIFFUSED MESA TYPE

2SD822 Datasheet (HTML) - Toshiba Semiconductor


2SD822 Product details

FEATURES

• High Voltage : Vcbo=1500V
• Low Saturation Voltage
: VCE(sat)=5V (Max.) (I C=6A, I B=1.2A)
• High Speed : t f=1.0As (Max.)
• Glass Passivated Collector-Base Junction.




Similar Part No. - 2SD822

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD822 ISC-2SD822 Datasheet
213Kb / 2P
isc Silicon NPN Power Transistor
More results


Similar Description - 2SD822

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
MJE13002A WINGS-MJE13002A Datasheet
87Kb / 1P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
logo
Toshiba Semiconductor
2SD1279 TOSHIBA-2SD1279 Datasheet
96Kb / 3P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
2SD1428 TOSHIBA-2SD1428 Datasheet
116Kb / 3P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
2SD1429 TOSHIBA-2SD1429 Datasheet
49Kb / 1P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
2SD1430 TOSHIBA-2SD1430 Datasheet
49Kb / 1P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
2SD819 TOSHIBA-2SD819 Datasheet
93Kb / 2P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
logo
Guangdong Kexin Industr...
2SC5355 KEXIN-2SC5355 Datasheet
44Kb / 2P
Silicon NPN Triple Diffused Mesa Type
logo
Tiger Electronic Co.,Lt...
2SD2553 TGS-2SD2553 Datasheet
138Kb / 1P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
2SD2499 TGS-2SD2499 Datasheet
92Kb / 1P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
2SD2553-E-1 TGS-2SD2553-E-1 Datasheet
138Kb / 1P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com