Electronic Components Datasheet Search
  English  ▼

X  

ESD752DCKR Datasheet (PDF) - Texas Instruments

ESD752DCKR Datasheet PDF - Texas Instruments
Part # ESD752DCKR
Download  ESD752DCKR Download
File Size   1648.01 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ESD752 24V, 2-Channel ESD Protection Diode in Multiple Industry Standard Packages for In-Vehicle Networks

ESD752DCKR Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD752DCKR Datasheet PDF - Texas Instruments

Part # ESD752DCKR
Download  ESD752DCKR Click to download

File Size   1648.01 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ESD752 24V, 2-Channel ESD Protection Diode in Multiple Industry Standard Packages for In-Vehicle Networks

ESD752DCKR Datasheet (HTML) - Texas Instruments


ESD752DCKR Product details

1 Features
• IEC 61000-4-2 level 4 ESD protection:
– ±30kV contact discharge
– ±30kV air-gap discharge
• Tested in compliance to IEC 61000-4-5
• 24V working voltage
• Bidirectional ESD protection
• 2-channel device provides complete ESD
protection with single component
• Low clamping voltage protects downstream
components
• I/O capacitance = 3pF (typical)
• SOT-23 (DBZ), SOT-SC70 (DCK), and DFN1110
(DXA) common packages available

2 Applications
• Industrial control networks:
– Smart distribution system (SDS)
– DeviceNet IEC 62026-3
– CANopen – CiA 301/302-2 and EN 50325-4
– 4/20mA circuits
– PLC surge protection
– ADC surge protection

3 Description
ESD752 is a bidirectional ESD protection diode for
Controller Area Network (CAN) interface protection.
ESD752 is rated to dissipate contact ESD strikes
specified in the IEC 61000-4-2 standard. The low
dynamic resistance and low clamping voltage enables
system level protection against transient events. This
protection is key as industrial systems require a
high level of robustness and reliability for safety
applications.
This device features a low IO capacitance per
channel and a pin-out to suit two CAN bus lines
(CANH and CANL) from the damage caused by
ElectroStatic Discharge (ESD) and other transients.
Additionally, the 3pF (typical) line capacitance of
ESD752 is suitable for CAN, CANFD, CAN SiC, and
CAN-XL applications that can support data rates up to
20Mbps.




Similar Part No. - ESD752DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESD752DCKR TI-ESD752DCKR Datasheet
1Mb / 25P
ESD752 and ESD7x2 24-V, 2-Channel, ESD Protection With 5.7 A of 8/20 μs Surge Protection in a SOT-23 and SOT-323 / SC-70 Package
REVISED AUGUST 2022
ESD752DCKR TI-ESD752DCKR Datasheet
1Mb / 25P
ESD752 and ESD762 24-V, 2-Channel, ESD Protection With 5.7 A of 8/20 μs Surge Protection in a SOT-23 and SOT-323 / SC-70 Package
REVISED NOVEMBER 2022
More results


Similar Description - ESD752DCKR

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PESD24V PROTEC-PESD24V Datasheet
463Kb / 7P
ESD PROTECTION FOR IN-VEHICLE NETWORKS
PESD27V PROTEC-PESD27V Datasheet
475Kb / 7P
ESD PROTECTION FOR IN-VEHICLE NETWORKS
logo
Nexperia B.V. All right...
PESD2CANFD24VQB-Q NEXPERIA-PESD2CANFD24VQB-Q Datasheet
297Kb / 12P
ESD protection for in-vehicle networks
3 August 2022
PESD2CANFD24VU-Q NEXPERIA-PESD2CANFD24VU-Q Datasheet
287Kb / 12P
ESD protection for in-vehicle networks
7 September 2022
PESD2CANFD36VU-Q NEXPERIA-PESD2CANFD36VU-Q Datasheet
217Kb / 11P
ESD protection for in-vehicle networks
15 September 2022
PESD1IVN24-LS NEXPERIA-PESD1IVN24-LS Datasheet
234Kb / 11P
ESD protection for In-vehicle networks
9 April 2021
PESD2CANFD24L-T NEXPERIA-PESD2CANFD24L-T Datasheet
257Kb / 12P
ESD protection for In-vehicle networks
10 August 2020
PESD2CANFD24U-U NEXPERIA-PESD2CANFD24U-U Datasheet
281Kb / 12P
ESD protection for In-vehicle networks
2 October 2021
PESD2CANFD27L-U NEXPERIA-PESD2CANFD27L-U Datasheet
271Kb / 12P
ESD protection for In-vehicle networks
2 October 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com