Electronic Components Datasheet Search
  English  ▼

X  

H506N6HD7 Datasheet (PDF) - Guangdong Huixin Electronic Technology Co., Ltd.

H506N6HD7 Datasheet PDF - Guangdong Huixin Electronic Technology Co., Ltd.
Part # H506N6HD7
Download  H506N6HD7 Download
File Size   531.46 Kbytes
Page   6 Pages
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.
Description 65V Single N-Channel MOSFET

H506N6HD7 Datasheet (PDF)

Go To PDF Page Download Datasheet
H506N6HD7 Datasheet PDF - Guangdong Huixin Electronic Technology Co., Ltd.

Part # H506N6HD7
Download  H506N6HD7 Click to download

File Size   531.46 Kbytes
Page   6 Pages
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.
Description 65V Single N-Channel MOSFET

H506N6HD7 Datasheet (HTML) - Guangdong Huixin Electronic Technology Co., Ltd.


H506N6HD7 Product details

Features:
• Fast switching speed
• 100% avalanche tested
• Improved dv/dt capability
• Enhanced Avalanche Ruggedness
• Lead Free
Applications:
• Synchronous Rectification in SMPS
• Hard Switching and High Speed Circuit
• Power Tools
• UPS
• Motor Control




Similar Part No. - H506N6HD7

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H5062 PULSE-H5062 Datasheet
145Kb / 3P
Gigabit Transformer Mod
H5062 PULSE-H5062 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
H5062FNL PULSE-H5062FNL Datasheet
976Kb / 2P
LAN Product Guide - Servers
H5062FNL PULSE-H5062FNL Datasheet
479Kb / 3P
MDL,SIN,1GD,1:1,SM,TU
H5062NL PULSE-H5062NL Datasheet
665Kb / 3P
Star MagneticsTM Gigabit Transformer Modules with PoE* Option
More results


Similar Description - H506N6HD7

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM13402CA-S ELM-TECH-ELM13402CA-S Datasheet
415Kb / 4P
Single N-channel MOSFET
ELM13410CA-S ELM-TECH-ELM13410CA-S Datasheet
396Kb / 4P
Single N-channel MOSFET
ELM16400EA-S ELM-TECH-ELM16400EA-S Datasheet
419Kb / 4P
Single N-channel MOSFET
logo
HY ELECTRONIC CORP.
HY80N07T HY-HY80N07T Datasheet
228Kb / 4P
65V / 80A N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM070N07PQ56 TSC-TSM070N07PQ56 Datasheet
487Kb / 6P
65V N-Channel MOSFET
logo
PFC Device Inc.
PRM2R8N06N5 PFC-PRM2R8N06N5 Datasheet
858Kb / 8P
65V Single N-Channel MOSFET
PRM3R3N06CT PFC-PRM3R3N06CT Datasheet
898Kb / 8P
65V Single N-Channel MOSFET
PRM3R5N06D PFC-PRM3R5N06D Datasheet
875Kb / 8P
65V Single N-Channel MOSFET
logo
First Silicon Co., Ltd
FTK6982DFN56 FS-FTK6982DFN56 Datasheet
1Mb / 5P
65V N-Channel MOSFETs
FTK6986Z-5 FS-FTK6986Z-5 Datasheet
1Mb / 5P
65V N-Channel MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com