Electronic Components Datasheet Search
  English  ▼

X  

JRC2903 Datasheet (PDF) - New Japan Radio

JRC2903 Datasheet PDF - New Japan Radio
Part # JRC2903
Download  JRC2903 Download
File Size   206.87 Kbytes
Page   4 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description SINGLE-SUPPLY DUAL COMPARATOR

JRC2903 Datasheet (PDF)

Go To PDF Page Download Datasheet
JRC2903 Datasheet PDF - New Japan Radio

Part # JRC2903
Download  JRC2903 Click to download

File Size   206.87 Kbytes
Page   4 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description SINGLE-SUPPLY DUAL COMPARATOR

JRC2903 Datasheet (HTML) - New Japan Radio


JRC2903 Product details

GENERAL DESCRIPTION
The NJM2903/2403 consist of two independent precision voltage
comparators with an offset voltage specification as low as 5.0mV max
for two comparators, which were designed specifically to operate from a
single power supply over a wide range of voltages. Operation from split
power supplies is also possible and the low power supply current drain is
independent of the magnitude of the power supply voltage. The
NJM2903/2403 have unique characteristic: the input common-mode
voltage range includes ground, even though operated from a single
power supply voltage. Application areas include limit comparators,
simple analog-to-digital converters; pulse, square-wave and time delay
generators; wide range VCO; MOS clock timers; multivibrators and high
voltage digital logic gates. The NJM2903/2403 were designed to directly
interface with TTL and MOS. When operated from both plus and minus
power supplies, the NJM2903/2403 will directly interface with MOS logic
where their low power drain is a distinct advantage over standard
comparators.

FEATURES
● Operating Voltage +2V~+36V
● Single Supply Operation
● Open Collector Output
● High Output Sink Current 15mA (@ NJM2403)
● Package Outline DIP8, DMP8, SIP8, SSOP8,
NJM2903 only: SOP8 JEDEC 150mil,
:MSOP8 (TVSP8) MEET JEDEC MO-187-DA / THIN TYPE




Similar Part No. - JRC2903

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
JRC2901 NJRC-JRC2901 Datasheet
184Kb / 5P
SINGLE-SUPPLY QUAD COMPARATOR
JRC2904 NJRC-JRC2904 Datasheet
297Kb / 6P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
Ver.2014-03-20
More results


Similar Description - JRC2903

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2901 NJRC-NJM2901 Datasheet
184Kb / 5P
SINGLE-SUPPLY QUAD COMPARATOR
NJM2903 NJRC-NJM2903 Datasheet
240Kb / 5P
SINGLE-SUPPLY DUAL COMPARATOR
logo
Analog Devices
AD8598 AD-AD8598 Datasheet
137Kb / 11P
Dual 7 ns Single Supply Comparator
REV.A
logo
List of Unclassifed Man...
IL339 ETC-IL339 Datasheet
132Kb / 4P
Quad Single Supply Comparator
logo
KODENSHI_AUK CORP.
KK2901 KODENSHI-KK2901 Datasheet
253Kb / 5P
Quad Single Supply Comparator
logo
Unisonic Technologies
UM21125 UTC-UM21125 Datasheet
150Kb / 4P
SINGLE-SUPPLY COMPARATOR
logo
Analog Devices
AD8598 AD-AD8598_15 Datasheet
143Kb / 11P
Dual 7 ns Single Supply Comparator
REV. A
logo
Silicon Laboratories
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
New Japan Radio
NJM2903C NJRC-NJM2903C Datasheet
1Mb / 8P
SINGLE-SUPPLY DUAL COMPARATOR
Ver.11
logo
Renesas Technology Corp
UPC277GR RENESAS-UPC277GR Datasheet
717Kb / 10P
Small Package Single Power Supply Dual Comparator
2019.1.17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com