Electronic Components Datasheet Search
  English  ▼

X  

6039051 Datasheet (PDF) - SICK AG

6039051 Datasheet PDF - SICK AG
Part # 6039051
Download  6039051 Download
File Size   1163.04 Kbytes
Page   9 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description RFH5xx RFID

6039051 Datasheet (PDF)

Go To PDF Page Download Datasheet
6039051 Datasheet PDF - SICK AG

Part # 6039051
Download  6039051 Click to download

File Size   1163.04 Kbytes
Page   9 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description RFH5xx RFID

6039051 Datasheet (HTML) - SICK AG


6039051 Product details

Features
Version Short Range
Product category RFID read/write device with integrated antenna
Radio approval European Union USA Canada Australia Korea México China India United Kingdom
Frequency band HF (13.56 MHz)
Carrier frequency 13.56 MHz
Output power 200 mW
RFID standard ISO/IEC 15693
Connection type IO-Link
Read range ≤ 60 mm
Antenna Integrated
Air interface data transmission rate 26 kbit/s




Similar Part No. - 6039051

ManufacturerPart #DatasheetDescription
logo
SICK AG
6039039 SICK-6039039 Datasheet
848Kb / 7P
PRESSURE SENSORS
2016-08-17
6039075 SICK-6039075 Datasheet
264Kb / 4P
Plug connector
6039076 SICK-6039076 Datasheet
264Kb / 4P
Plug connectors
6039077 SICK-6039077 Datasheet
264Kb / 4P
Plug connector
6039078 SICK-6039078 Datasheet
270Kb / 4P
Plug connectors
More results


Similar Description - 6039051

ManufacturerPart #DatasheetDescription
logo
SICK AG
RFH620-1000001 SICK-RFH620-1000001 Datasheet
936Kb / 6P
RFID
2017-05-12
RFH620-1001201 SICK-RFH620-1001201 Datasheet
1Mb / 6P
RFID
2017-05-12
RFH630-1102101 SICK-RFH630-1102101 Datasheet
1Mb / 7P
RFID
2017-05-12
RFU620-10101 SICK-RFU620-10101 Datasheet
1Mb / 8P
RFID
2017-05-12
RFU620-10501 SICK-RFU620-10501 Datasheet
1Mb / 7P
RFID
2017-05-12
RFU630-04101 SICK-RFU630-04101 Datasheet
1Mb / 7P
RFID
2017-05-12
RFU630-13100 SICK-RFU630-13100 Datasheet
1Mb / 8P
RFID
2017-05-12
RFU630-13101 SICK-RFU630-13101 Datasheet
1Mb / 8P
RFID
2017-05-12
RFU630-13105 SICK-RFU630-13105 Datasheet
1Mb / 8P
RFID
2017-05-12
RFU630-13107 SICK-RFU630-13107 Datasheet
1Mb / 8P
RFID
2017-05-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com