Electronic Components Datasheet Search
  English  ▼

X  

5609 Datasheet (PDF) - Kitronik Ltd

5609 Datasheet PDF - Kitronik Ltd
Part # 5609
Download  5609 Download
File Size   295.33 Kbytes
Page   1 Pages
Manufacturer  KITRONIK [Kitronik Ltd]
Direct Link  https://kitronik.co.uk/
Logo KITRONIK - Kitronik Ltd
Description Prototyping System for the BBC micro:bit

5609 Datasheet (PDF)

Go To PDF Page Download Datasheet
5609 Datasheet PDF - Kitronik Ltd

Part # 5609
Download  5609 Click to download

File Size   295.33 Kbytes
Page   1 Pages
Manufacturer  KITRONIK [Kitronik Ltd]
Direct Link  https://kitronik.co.uk/
Logo KITRONIK - Kitronik Ltd
Description Prototyping System for the BBC micro:bit

5609 Datasheet (HTML) - Kitronik Ltd


5609 Product details

Features
 No soldering is required.
 Breaks out 21 pins from the BBC micro:bit using the Pre-built Edge Connector Breakout Board for BBC micro:bit.
 Small Prototype Breadboard included so you can use additional components.
 Run your own custom code from your BBC micro:bit to interact with external components.




Similar Part No. - 5609

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KOO CHIN ELECT...
5609 KOOCHIN-5609 Datasheet
716Kb / 1P
TRANSISTOR (NPN)
logo
Bourns Electronic Solut...
5609-RC BOURNS-5609-RC Datasheet
428Kb / 1P
High Current Chokes
logo
Festo Corporation.
560900 FESTO-560900 Datasheet
83Kb / 2P
Servo motor
logo
Carl Kammerling Interna...
5609000000 CARL-5609000000 Datasheet
286Kb / 1P
Adjustable Wristband Anchor
04 Jun 2025 11:50AM
5609000000 CARL-5609000000 Datasheet
263Kb / 1P
Lightweight Tool lanyard
04 Jun 2025 11:50AM
More results


Similar Description - 5609

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
45711-1000 MOLEX-45711-1000 Datasheet
247Kb / 2P
Bus Bar Connector (BBC)
logo
STMicroelectronics
EV-VN5E025AJ STMICROELECTRONICS-EV-VN5E025AJ Datasheet
132Kb / 8P
Provides electrical connectivity for easy prototyping
17-Sep-2013
logo
EM Microelectronic - MA...
EMEVB8900 EMMICRO-EMEVB8900 Datasheet
153Kb / 1P
Evaluation & Prototyping Tool for EM8900
logo
ATMEL Corporation
ATDH40M ATMEL-ATDH40M Datasheet
507Kb / 13P
Programmable System Level Integration Prototyping System
logo
SparkFun Electronics
DEV-14208 SPARKFUN-DEV-14208 Datasheet
150Kb / 2P
micro:bit
4??6??7
KIT-15596 SPARKFUN-KIT-15596 Datasheet
98Kb / 2P
SparkFun gator:science Kit for micro:bit
10????9
KIT-16274 SPARKFUN-KIT-16274 Datasheet
197Kb / 2P
SparkFun micro:climate kit for micro:bit - v3.0
2??0??0
logo
BusBoard Prototype Syst...
PR1590B BUSBOARD-PR1590B Datasheet
569Kb / 3P
A prototyping board designed for the Hammond 1590B die-cast aluminum enclosure.
Rev 4.00
PR1593K BUSBOARD-PR1593K Datasheet
209Kb / 2P
A prototyping board designed for the Hammond 1593K handheld enclosure.
Rev 4.00
PR1593L BUSBOARD-PR1593L Datasheet
231Kb / 2P
A prototyping board designed for the Hammond 1593L handheld enclosure.
Rev 4.00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com