Electronic Components Datasheet Search
  English  ▼

X  

FNK03N02E Datasheet (PDF) - FNK-Semiconductor

FNK03N02E Datasheet PDF - FNK-Semiconductor
Part # FNK03N02E
Download  FNK03N02E Download
File Size   1083.39 Kbytes
Page   7 Pages
Manufacturer  FNK [FNK-Semiconductor]
Direct Link  
Logo FNK - FNK-Semiconductor
Description FNK N-Channel Enhancement Mode Power MOSFET

FNK03N02E Datasheet (PDF)

Go To PDF Page Download Datasheet
FNK03N02E Datasheet PDF - FNK-Semiconductor

Part # FNK03N02E
Download  FNK03N02E Click to download

File Size   1083.39 Kbytes
Page   7 Pages
Manufacturer  FNK [FNK-Semiconductor]
Direct Link  
Logo FNK - FNK-Semiconductor
Description FNK N-Channel Enhancement Mode Power MOSFET

FNK03N02E Datasheet (HTML) - FNK-Semiconductor


FNK03N02E Product details

General Features
● VDS =30V,ID =140A
RDS(ON) <3.5 mΩ @ VGS=10V
RDS(ON) <4.0mΩ @ VGS=4.5V
● High density cell design for ultra low Rdson
● Fully characterized avalanche voltage and current
● Good stability and uniformity with high EAS
● Excellent package for good heat dissipation
● Special process technology for high ESD capability

Application
● Power switching application
● Hard switched and high frequency circuits
● Uninterruptible power supply




Similar Part No. - FNK03N02E

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
FNK-ER12H BEL-FNK-ER12H Datasheet
2Mb / 13P
Front Load Pluggable Optical Transceiver
FNK-ER12M BEL-FNK-ER12M Datasheet
2Mb / 13P
Front Load Pluggable Optical Transceiver
FNK-ER12X BEL-FNK-ER12X Datasheet
2Mb / 13P
Front Load Pluggable Optical Transceiver
FNK-LT12H BEL-FNK-LT12H Datasheet
527Kb / 4P
Front Load Pluggable Optical Transceiver
FNK-LT12M BEL-FNK-LT12M Datasheet
527Kb / 4P
Front Load Pluggable Optical Transceiver
More results


Similar Description - FNK03N02E

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com