Electronic Components Datasheet Search
  English  ▼

X  

EV01G21A Datasheet (PDF) - Microchip Technology

EV01G21A Datasheet PDF - Microchip Technology
Part # EV01G21A
Download  EV01G21A Download
File Size   7621.5 Kbytes
Page   40 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PIC18F56Q71 Curiosity Nano Hardware User Guide

EV01G21A Datasheet (PDF)

Go To PDF Page Download Datasheet
EV01G21A Datasheet PDF - Microchip Technology

Part # EV01G21A
Download  EV01G21A Click to download

File Size   7621.5 Kbytes
Page   40 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PIC18F56Q71 Curiosity Nano Hardware User Guide

EV01G21A Datasheet (HTML) - Microchip Technology


EV01G21A Product details

Features
• PIC18F56Q71 Microcontroller
• One Yellow User LED
• One Mechanical User Switch
• Footprint for 32.768 kHz Crystal
• On-Board Debugger:
– Board identification in Microchip MPLAB® X IDE
– One green power and status LED
– Programming and debugging
– Virtual serial port (CDC)
– One debug GPIO channel (DGI GPIO)
• USB Powered
• Adjustable Target Voltage:
– MIC5353 LDO regulator controlled by the on-board debugger
– 1.8–5.1V output voltage (limited by USB input voltage)
– 500 mA maximum output current (limited by ambient temperature and output voltage)




Similar Part No. - EV01G21A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EV01 OMRON-EV01 Datasheet
1Mb / 12P
Sensor Evaluation Board
2019
logo
List of Unclassifed Man...
EV0100 ETC-EV0100 Datasheet
102Kb / 2P
SINGLE TONE SIREN/ALARM SOUND GENERATOR
logo
CML Microcircuits
EV0171 CMLMICRO-EV0171 Datasheet
970Kb / 16P
Evaluation Kit User Manual
EV0181 CMLMICRO-EV0181 Datasheet
544Kb / 18P
User Manual
More results


Similar Description - EV01G21A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GE863 ETC1-GE863 Datasheet
1Mb / 69P
Telit GE863-QUAD / GE863-PY Hardware User guide
logo
Texas Instruments
1325652 TI-1325652 Datasheet
6Mb / 138P
MSP430 Hardware Tools User Guide
logo
List of Unclassifed Man...
DOC1925 ETC1-DOC1925 Datasheet
2Mb / 61P
User Guide
logo
Texas Instruments
ADS1232REF TI1-ADS1232REF Datasheet
667Kb / 30P
USER GUIDE
logo
STMicroelectronics
ST9 STMICROELECTRONICS-ST9 Datasheet
1Mb / 146P
USER GUIDE
Jan-2004
logo
Microchip Technology
ATMEGA4809 MICROCHIP-ATMEGA4809 Datasheet
2Mb / 28P
ATmega4809 Curiosity Nano Hardware User Guide
2018
PIC16F18446 MICROCHIP-PIC16F18446 Datasheet
2Mb / 26P
PIC16F18446 Curiosity Nano Hardware User Guide
2018
EV14C17A MICROCHIP-EV14C17A Datasheet
3Mb / 25P
SAM E51 Integrated Graphics and Touch Curiosity User Guide
2021
ATTINY1627 MICROCHIP-ATTINY1627 Datasheet
2Mb / 39P
ATtiny1627 Curiosity Nano Hardware User Guide
A 04/2020
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com