Electronic Components Datasheet Search
  English  ▼

X  

TPSM84A21 Datasheet (PDF) - Texas Instruments

TPSM84A21 Datasheet PDF - Texas Instruments
Part # TPSM84A21
Download  TPSM84A21 Download
File Size   1846.61 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPSM84A21, 8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT™ Power Module

TPSM84A21 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSM84A21 Datasheet PDF - Texas Instruments

Part # TPSM84A21
Download  TPSM84A21 Click to download

File Size   1846.61 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPSM84A21, 8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT™ Power Module

TPSM84A21 Datasheet (HTML) - Texas Instruments


TPSM84A21 Product details

1 Features
1• Fully Integrated Power Solution Includes Input and
Output Capacitors
• Only Requires a Single Voltage Setting Resistor
• 9 mm × 15 mm Footprint
– 2.3 mm Max Height
– Pin Compatible With TPSM84A22
• Ultra-Fast Load Step Response
• Efficiencies up to 88%
• 1% Output Voltage Accuracy
• 4 MHz Switching Frequency
• Synchronizes to an External Clock
• Power Good Output
• Pre-Bias Output Start-Up
• Programmable Under-Voltage Lockout (UVLO)
• Operating IC Junction Range: –40°C to +125°C
• Operating Ambient Range: –40°C to +85°C
• Meets EN55022 Class B Emissions

2 Applications
• Telecom and Wireless Infrastructure
• Test and Measurement
• Compact PCI/ PCI Express/ PXI Express

3 Description
The TPSM84A21 is an easy-to-use integrated power
solution that combines the TPS54A20, a 10-A,
DC/DC, synchronous, step-down converter with
power MOSFETs, shielded inductors, input and
output capacitors, and passives into a low profile
package. This total power solution requires only one
voltage-setting resistor, and eliminates the loop
compensation and magnetics part selection from the
design process.
The completely integrated power solution allows
standard applications to operate with no additional
input or output capacitors and only a single external
resistor to set the output voltage. High frequency
operation, ultra-fast transient response, and accurate
voltage regulation allow the TPSM84A21 to meet tight
regulation specs.
The 9 × 15 mm PCB footprint is easy to solder onto a
printed circuit board and allows a compact, low-profile
point-of-load design.




Similar Part No. - TPSM84A21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM84A21 TI1-TPSM84A21 Datasheet
1Mb / 26P
8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT Power Module
TPSM84A21 TI1-TPSM84A21 Datasheet
1Mb / 27P
8-V to 14-V Input, 1.2-V to 2.05-V Output, 10-A SWIFT Power Module
TPSM84A21MOJR TI1-TPSM84A21MOJR Datasheet
1Mb / 26P
8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT Power Module
TPSM84A21MOJT TI1-TPSM84A21MOJT Datasheet
1Mb / 26P
8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT Power Module
More results


Similar Description - TPSM84A21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T255W TI1-PTH08T255W Datasheet
4Mb / 35P
40-A, 8-V to 14-V INPUT, 3-V to 5.25-V OUTPUT, NON-ISOLATED, ADJUSTABLE POWER MODULE
PTH12040W TI-PTH12040W_15 Datasheet
570Kb / 27P
50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
TPS54A20 TI1-TPS54A20 Datasheet
2Mb / 43P
8-V to 14-V Input, 10-A, up to 10-MHz SWIFT Step Down Converter
TPSM84A21 TI1-TPSM84A21 Datasheet
1Mb / 26P
8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT Power Module
TPSM84A22 TI1-TPSM84A22 Datasheet
1Mb / 27P
8-V to 14-V Input, 1.2-V to 2.05-V Output, 10-A SWIFT Power Module
TPSM84824 TI1-TPSM84824 Datasheet
811Kb / 31P
4.5-V to 17-V Input, 0.6-V to 10-V Output, 8-A Power Module
TPSM84424 TI1-TPSM84424 Datasheet
1,000Kb / 33P
4.5-V to 17-V Input, 0.6-V to 10-V Output, 4-A Power Module
TPSM84624 TI1-TPSM84624 Datasheet
999Kb / 33P
4.5-V to 17-V Input, 0.6-V to 10-V Output, 6-A Power Module
TPSM831D31 TI1-TPSM831D31 Datasheet
1,017Kb / 78P
8-V to 14-V Input, 0.25-V to 1.52-V Dual Output, 120-A 40-A PMBus Power Module
TPSM831D31 TI-TPSM831D31_V01 Datasheet
2Mb / 87P
TPSM831D31 8-V to 14-V Input, 0.25-V to 1.52-V Dual Output, 120-A 40-A PMBus??Power Module
JUNE 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com