Electronic Components Datasheet Search
  English  ▼

X  

TPS56637 Datasheet (PDF) - Texas Instruments

TPS56637 Datasheet PDF - Texas Instruments
Part # TPS56637
Download  TPS56637 Download
File Size   1761.43 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter

TPS56637 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS56637 Datasheet PDF - Texas Instruments

Part # TPS56637
Download  TPS56637 Click to download

File Size   1761.43 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter

TPS56637 Datasheet (HTML) - Texas Instruments


TPS56637 Product details

1 Features
1• 4.5-V to 28-V input voltage range
• 0.6-V to 13-V output voltage range
• 6-A maximum continuous output current
• Integrated 26-mΩ and 12-mΩ MOSFETs
• 0.6-V ±1% Reference Voltage
• D-CAP3™ control mode for fast transient
response
• Eco-mode™ and FCCM (forced continuous
conduction mode) selectable for light-load
operation through MODE pin
• Internal 2-ms soft start
• Built-in output discharge function
• 500-kHz switching frequency
• Power good indicator to monitor output voltage
• Cycle by cycle over current limit
• Non-latched protections for UV, OV, OT and
UVLO
• –40°C to +150°C operating junction temperature
• Small 10-Pin 3.0-mm × 3.0-mm HotRod™ QFN
Package
• Available in WEBENCH® Power Designer to
create custom designs

2 Applications
• Enterprise systems: multifunction printers, storage
• Personal electronics: TVs, speakers, set-top box,
portable electronics
• Industrial applications: electronic point of sale,
factory automation and control, motor drives
• General purposes for 12-V,19-V, 24-V power-bus
supply

3 Description
The TPS56637 is a high efficiency, high-voltage
input, easy-to-use synchronous buck converter with
integrated MOSFETs.
With the wide operating input voltage range of 4.5 V
to 28 V, the TPS56637 is ideally suited for systems
powered from 12-V, 19-V, 24-V power-bus rails. It
supports up to 6-A continuous output current at
output voltages between 0.6 V and 13 V.
The TPS56637 uses DCAP3™ control mode to
provide fast transient response, good line and load
regulation, no requirement for external compensation,
and supports low equivalent series resistance (ESR)
output capacitors such as POSCAP and MLCC.
The TPS56637 has both FCCM and Eco-mode™
operation modes for selection at light-load condition
through configuration of MODE pin. To attain high
efficiency at light load, Eco-mode™ could be
selected. To support tight output voltage ripple
requirement, FCCM could be selected.
The TPS56637 provides complete non-latched OV
(Over-voltage), UV (Under-voltage), OC (Overcurrent),
OT (Over-temperature) and UVLO (Undervoltage
lock-out) protections combined with power
good indicator and output discharge function features.
The TPS56637 is available in a 10-pin 3.0-mm x 3.0-
mm HotRod™ QFN package and the junction
temperature is specified from –40°C to 150°C.




Similar Part No. - TPS56637

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637 Datasheet
1Mb / 30P
TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter
More results


Similar Description - TPS56637

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
13-Mar-17
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
15-Sep-14
logo
Texas Instruments
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_V01 Datasheet
1Mb / 30P
TPS56637 4.5-V to 28-V Input, 6-A Synchronous Buck Converter
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
29-Jun-2020
logo
Texas Instruments
TPS56837 TI-TPS56837 Datasheet
2Mb / 33P
TPS56837 4.5-V to 28-V Input, 8-A Synchronous Buck Converter
MARCH 2023
TPS56837 TI-TPS56837_V01 Datasheet
1Mb / 32P
TPS56837 4.5-V to 28-V Input, 8-A Synchronous Buck Converter
REVISED OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com