Electronic Components Datasheet Search
  English  ▼

X  

TPD6F202 Datasheet (PDF) - Texas Instruments

TPD6F202 Datasheet PDF - Texas Instruments
Part # TPD6F202
Download  TPD6F202 Download
File Size   938.96 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPDxF202 Four or Six-Channel EMI Filter With ESD Protection For LCD Display

TPD6F202 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD6F202 Datasheet PDF - Texas Instruments

Part # TPD6F202
Download  TPD6F202 Click to download

File Size   938.96 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPDxF202 Four or Six-Channel EMI Filter With ESD Protection For LCD Display

TPD6F202 Datasheet (HTML) - Texas Instruments


TPD6F202 Product details

1 Features
• Four or six-channel EMI filtering and ESD
protection for data lines
• Excellent filter performance
– > 40-dB attenuation at 1 GHz to 3G Hz
– –3-dB bandwidth at 108 MHz
– 70-dB crosstalk attenuation at 100 MHz
• Exceeds IEC 61000-4-2 (Level 4) ESD protection
requirements
– ±25-kV IEC 61000-4-2 contact discharge
– ±25-kV IEC 61000-4-2 air-gap discharge
– ±15-kV human body model (HBM)
• Pi-style C-R-C filter configuration offers symmetric
filter performance
(R = 100 Ω, CTOTAL = 30 pF)
• Low 10-nA leakage current
• Space-saving DSBGA package and flow-through
pin mapping provide optimum performance in
portable applications

2 Applications
• End equipment:
– LCD displays
– Memory interface
– Keypads
– Portables
• Interfaces:
– DVI
– VGA, SVGA
– SIM cards
– Data lines

3 Description
The TPDxF202 devices are four or six-channel EMI
filters, designed particularly to suppress EMI noise in
the cell phone and other portable applications. These
filters also provide a Transient Voltage Suppressor
(TVS) diode circuit for Electrostatic Discharge (ESD)
protection which prevents damage to the application
when subjected to ESD stress far exceeding IEC
61000-4-2 (Level 4). The pi-style C-R-C filter provides
symmetric filter performance in the data lines to and
from either side of the filter.
Due to the tiny parasitics of the DSBGA package, the
TPDxF202 filters provide excellent signal attenuation
(–40 dB at 1 GHz) at the typical cell-phone carrier
frequency ranges.
The ultra thin (0.3-mm package height, when mounted
on board) space-saving YFU package enables the
TPDxF202 devices to mount on the printed-circuitboards
where height is a key constraint.
The TPDxF202 devices are specified for –40°C to
85°C operation.
A typical application for TPDxF202 devices are in
portable equipment with DVI, VGA, SVGA, SIM Card,
and other data interfaces.




Similar Part No. - TPD6F202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD6F202 TI-TPD6F202 Datasheet
863Kb / 13P
FOUR-,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
TPD6F202YFUR TI-TPD6F202YFUR Datasheet
697Kb / 11P
FOUR,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
TPD6F202YFUR TI-TPD6F202YFUR Datasheet
863Kb / 13P
FOUR-,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
TPD6F202YFUR TI1-TPD6F202YFUR Datasheet
1,008Kb / 18P
Four or Six-Channel EMI Filter
More results


Similar Description - TPD6F202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4F003 TI-TPD4F003 Datasheet
222Kb / 6P
FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
TPD6F002 TI-TPD6F002 Datasheet
390Kb / 12P
SIX-CHANNEL EMI FILTER FOR LCD DISPLAY/KEYPAD APPLICATION
TPD4F202 TI-TPD4F202 Datasheet
697Kb / 11P
FOUR,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
logo
ON Semiconductor
CM1420-22 ONSEMI-CM1420-22 Datasheet
558Kb / 15P
LCD EMI Filter Array with ESD Protection
April 2010 Rev. 3
logo
Texas Instruments
TPD4F202 TI-TPD4F202_1 Datasheet
863Kb / 13P
FOUR-,SIX-CHANNEL EMI FILTER WITH ESD PROTECTION FOR LCD DISPLAY
TPD4F003 TI-TPD4F003_1 Datasheet
1Mb / 18P
FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
logo
ON Semiconductor
EMI7204MU ONSEMI-EMI7204MU Datasheet
187Kb / 7P
Four-Six-Eight -Channel EMI Filter with Integrated ESD Protection
September, 2010 ??Rev. 0
EMI5204MU ONSEMI-EMI5204MU Datasheet
162Kb / 7P
Four-Six-Eight-Channel EMI Filter with Integrated ESD Protection
July, 2011 ??Rev. 0
logo
Texas Instruments
TPD4F202 TI1-TPD4F202_15 Datasheet
1,008Kb / 18P
Four or Six-Channel EMI Filter
logo
Shanghai Leiditech Elec...
EM6401M LEIDITECH-EM6401M Datasheet
233Kb / 3P
SIX LINE EMI FILTER WITH ESD PROTECTION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com