Electronic Components Datasheet Search
  English  ▼

X  

TCA9801 Datasheet (PDF) - Texas Instruments

TCA9801 Datasheet PDF - Texas Instruments
Part # TCA9801
Download  TCA9801 Download
File Size   924.12 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9800 Level-Translating I2C Bus Buffer/Repeater

TCA9801 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA9801 Datasheet PDF - Texas Instruments

Part # TCA9801
Download  TCA9801 Click to download

File Size   924.12 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TCA9800 Level-Translating I2C Bus Buffer/Repeater

TCA9801 Datasheet (HTML) - Texas Instruments


TCA9801 Product details

1 Features
1• Two-channel bidirectional buffer
• Integrated current source on B-side, requires no
external B-side resistors
• Ultra-low power consumption
• No static-voltage offset, low VOL
• I2C bus and SMBus compatible
• Operating supply voltage range of 0.8 V to 3.6 V
on A-side
• Operating supply voltage range of 1.65 V to 3.6 V
on B-side
• Active-high repeater enable input
• Powered-off high impedance I2C bus pins on Aside
• Powered-off back-power protection I2C bus pins
• Support for clock stretching and multiple master
arbitration
• Family of current source options from 0.5 mA to 3
mA

2 Applications
• Servers
• Routers (routing equipment)
• Industrial equipment
• Personal computers
• Power-sensitive applications

3 Description
The TCA9800 is a dual-channel bidirectional buffer
intended for I2C bus and SMBus/PMBus systems. It
provides bidirectional level shifting (up-translation and
down-translation) between low voltages (down to 0.8
V) and higher voltages (1.65 V to 3.6 V). The
TCA9800 features an internal current source on the
B-side of the device, allowing the removal of external
pull-up resistors on the B-side. The current source
also provides an improved rise time and ultra-low
power consumption.
The TCA9800 is able to provide true buffering (rather
than a pass-FET solution) without using a static
voltage offset or incremental offset. This means that
the VOL on both the A and B sides of the TCA9800
are very low (approximately 0.2 V), helping to
eliminate communication issues as a result of fixed
VIL thresholds. Another key feature of the TCA9800 is
that there are no power sequencing requirements, or
power supply dependencies. VCCA can be greater
than, less than, or equal to VCCB. This gives the
system designer flexibility with how the TCA9800 is
used.
The TCA9800 is part of a four device family with
varying current source strengths (see the Device
Comparison Table).




Similar Part No. - TCA9801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9801 TI1-TCA9801 Datasheet
588Kb / 36P
Level-Translating I2C Bus Buffer/Repeater
TCA9801 TI1-TCA9801 Datasheet
588Kb / 36P
Level-Translating I2C Bus Buffer/Repeater
TCA9801 TI1-TCA9801 Datasheet
588Kb / 36P
Level-Translating I2C Bus Buffer/Repeater
TCA9801 TI1-TCA9801 Datasheet
588Kb / 36P
Level-Translating I2C Bus Buffer/Repeater
TCA9801 TI2-TCA9801 Datasheet
918Kb / 38P
TCA9801 Level-Translating I2C Bus Buffer/Repeater
REVISED FEBRUARY 2020
More results


Similar Description - TCA9801

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
Texas Instruments
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517DP118 NXP-PCA9517DP118 Datasheet
127Kb / 19P
Level translating I2C-bus repeater
Rev. 03-30 January 2007
PCA9517ATP PHILIPS-PCA9517ATP Datasheet
414Kb / 22P
Level translating I2C-bus repeater
Rev. 4-9 May 2012
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
Texas Instruments
TCA9802 TI1-TCA9802 Datasheet
588Kb / 36P
Level-Translating I2C Bus Buffer/Repeater
TCA9803 TI1-TCA9803 Datasheet
588Kb / 36P
Level-Translating I2C Bus Buffer/Repeater
TCA9801 TI1-TCA9801 Datasheet
588Kb / 36P
Level-Translating I2C Bus Buffer/Repeater
TCA9800 TI1-TCA9800 Datasheet
588Kb / 36P
Level-Translating I2C Bus Buffer/Repeater
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com