Electronic Components Datasheet Search
  English  ▼

X  

2350797-2 Datasheet (PDF) - TE Connectivity Ltd

2350797-2 Datasheet PDF - TE Connectivity Ltd
Part # 2350797-2
Download  2350797-2 Download
File Size   1725.43 Kbytes
Page   2 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description M12 X-CODED RIGHT ANGLE

2350797-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
2350797-2 Datasheet PDF - TE Connectivity Ltd

Part # 2350797-2
Download  2350797-2 Click to download

File Size   1725.43 Kbytes
Page   2 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description M12 X-CODED RIGHT ANGLE

2350797-2 Datasheet (HTML) - TE Connectivity Ltd


2350797-2 Product details

BENEFIT STATEMENTS
• Extremely low height (42.5mm) when mated allows for usage of the
right angle connector in confined spaces providing space savings
• Jacket crimp system reduces cable breakage and thereby reduces
the cost of service
• Pre assembled components and jacket crimping allow for up to 30%
faster assembly time.

KEY FEATURES
• Compact dimensions
• Quick and simple assembly
• IP67 waterproof
• Screw machined crimp contacts
• Flexible cable exit options (8 positions at 45° increments)
• 360° EMI/RFI shielding by extra rugged, crimped strain relief
• Vibration and torsion proof, crimped strain relief

APPLICATIONS
• Onboard Ethernet networks that connect i.e.:
- Passenger information systems
- Passenger entertainment systems
- Surveillance systems
- Onboard Wi-Fi networks

ELECTRICAL SPECIFICATIONS
• Data transmission rate up to 10Gb/s
• Acc. IEC802.3an cat 6a
• Current rating 0.5A
• Nominal voltage 48V
• Contact resistance <5mΩ
• Insulation resistance >=100MΩ

MECHANICAL SPECIFICATIONS
• Durability 250 cycles
• Temp rating with booth: -40°C to 70°C
• Temp rating w/o booth: -40°C to 85°C
• IP Protection: IP67
• Conductor size: AWG22-26

MATERIAL SPECIFICATIONS
• Housing: Cu Alloy Ni plated
• Crimp contacts: Cu Alloy Au plated
• Contact holder: Thermoplast
• O-Ring seals: Elastomer
• Grip Booth: TPE

STANDARDS & SPECIFICATIONS
• Connector according to IEC 61076-2-109
• Vibration tested acc EN 61373 Category 1, class B
• Fire and smoke 45545-2 HL23, R22/R23




Similar Part No. - 2350797-2

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
23507 BELDEN-23507 Datasheet
154Kb / 2P
ACIC 300V, 1 Tri #16 Str TC, PVC Ins E1, OS, PVC Jkt, AIA Armor, Blk PVC Jkt, 105C Dry 75C Wet CSA HLBCD SUN RES -40C
12-20-2022
23507-0105000 BELDEN-23507-0105000 Datasheet
154Kb / 2P
ACIC 300V, 1 Tri #16 Str TC, PVC Ins E1, OS, PVC Jkt, AIA Armor, Blk PVC Jkt, 105C Dry 75C Wet CSA HLBCD SUN RES -40C
12-20-2022
23507-06010000 BELDEN-23507-06010000 Datasheet
154Kb / 2P
ACIC 300V, 1 Tri #16 Str TC, PVC Ins E1, OS, PVC Jkt, AIA Armor, Blk PVC Jkt, 105C Dry 75C Wet CSA HLBCD SUN RES -40C
12-20-2022
23507-0602500 BELDEN-23507-0602500 Datasheet
154Kb / 2P
ACIC 300V, 1 Tri #16 Str TC, PVC Ins E1, OS, PVC Jkt, AIA Armor, Blk PVC Jkt, 105C Dry 75C Wet CSA HLBCD SUN RES -40C
12-20-2022
23507-0605000 BELDEN-23507-0605000 Datasheet
154Kb / 2P
ACIC 300V, 1 Tri #16 Str TC, PVC Ins E1, OS, PVC Jkt, AIA Armor, Blk PVC Jkt, 105C Dry 75C Wet CSA HLBCD SUN RES -40C
12-20-2022
More results


Similar Description - 2350797-2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XGSZ12E1201 SCHNEIDER-XGSZ12E1201 Datasheet
74Kb / 2P
OsiSense XG cable M12/M12 D coded - Ethernet - 1m
Jan 7, 2021
XGSZ12E1203 SCHNEIDER-XGSZ12E1203 Datasheet
76Kb / 3P
OsiSense XG cable M12/M12 D coded - Ethernet - 3m
Jan 7, 2021
logo
HARTING Technology Grou...
09-14-881-1405 HARTING-09-14-881-1405 Datasheet
513Kb / 2P
Han M12 Crimp D-coded male
09-10-008-3106 HARTING-09-10-008-3106 Datasheet
507Kb / 3P
Han 1A-M12-f X-coded Crimp termination
09-10-008-3101 HARTING-09-10-008-3101 Datasheet
501Kb / 3P
Han 1A-M12-f X-coded, latch
09-10-008-3006 HARTING-09-10-008-3006 Datasheet
506Kb / 3P
Han 1A-M12-m X-coded
09-10-008-3001 HARTING-09-10-008-3001 Datasheet
504Kb / 3P
Han 1A-M12-m X-coded, latch
09-14-881-1805 HARTING-09-14-881-1805 Datasheet
515Kb / 2P
Han M12 Crimp X-coded male Inserts
09-14-881-2805 HARTING-09-14-881-2805 Datasheet
530Kb / 3P
Han M12 Crimp X-coded female
2021-12-04
logo
Bel Fuse Inc.
CT120017 BEL-CT120017 Datasheet
204Kb / 1P
M12 X-Code, Right Angle, Rear Mount PCB Receptacle
Rev. A0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com