Electronic Components Datasheet Search
  English  ▼

X  

1818452 Datasheet (PDF) - PHOENIX CONTACT

1818452 Datasheet PDF - PHOENIX CONTACT
Part # 1818452
Download  1818452 Download
File Size   314.56 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDS 10 HV/ 8-ZF-10,16 H1L - PCB terminal block

1818452 Datasheet (PDF)

Go To PDF Page Download Datasheet
1818452 Datasheet PDF - PHOENIX CONTACT

Part # 1818452
Download  1818452 Click to download

File Size   314.56 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDS 10 HV/ 8-ZF-10,16 H1L - PCB terminal block

1818452 Datasheet (HTML) - PHOENIX CONTACT


1818452 Product details

Printed circuit board terminal, nominal current: 76 A, rated voltage (III/2): 1000 V, nominal cross
section: 16 mm2, number of potentials: 8, number of rows: 1, number of positions per row: 8,
product range: MKDS 10 HV, pitch: 10.16 mm, connection method: Screw connection with
tension sleeve, screw head form: H1L Slotted Phillips recess, mounting: Wave soldering,
conductor/PCB connection direction: 0 °, color: green, Pin layout: Zigzag pinning M, Solder pin
[P]: 5 mm, number of solder pins per potential: 2, type of packaging: packed in cardboard




Similar Part No. - 1818452

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1818400000 WEIDMULLER-1818400000 Datasheet
326Kb / 7P
ZP 4/1AN/8
logo
PHOENIX CONTACT
1818478 PHOENIX-1818478 Datasheet
164Kb / 5P
Printed-circuit board connector - DMC 1,5/ 6-G1-3,5 P20THRR44
1818481 PHOENIX-1818481 Datasheet
671Kb / 13P
DMC 1,5/ 7-G1-3,5 P20THR R56 - PCB header
1818494 PHOENIX-1818494 Datasheet
162Kb / 5P
Printed-circuit board connector - DMC 1,5/ 9-G1-3,5 P20THRR56
More results


Similar Description - 1818452

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1709681 PHOENIX-1709681 Datasheet
155Kb / 7P
PCB terminal block - MKDS 10 HV/ 2-ZB-10,16
1709694 PHOENIX-1709694 Datasheet
154Kb / 7P
PCB terminal block - MKDS 10 HV/ 3-ZB-10,16
1709746 PHOENIX-1709746 Datasheet
86Kb / 5P
Single PCB terminal block - MKDS 10 HV/ 8-ZB-10,16
1709759 PHOENIX-1709759 Datasheet
86Kb / 5P
Single PCB terminal block - MKDS 10 HV/ 9-ZB-10,16
1709762 PHOENIX-1709762 Datasheet
86Kb / 5P
Single PCB terminal block - MKDS 10 HV/10-ZB-10,16
1709788 PHOENIX-1709788 Datasheet
86Kb / 5P
Single PCB terminal block - MKDS 10 HV/12-ZB-10,16
1723586 PHOENIX-1723586 Datasheet
53Kb / 4P
PCB terminal block - MKDS 10 HV/ 3-ZB-10,16 BD:NZH1
1745043 PHOENIX-1745043 Datasheet
47Kb / 4P
PCB terminal block - MKDS 10 HV/10-ZB-10,16 BK
1993763 PHOENIX-1993763 Datasheet
146Kb / 8P
PCB terminal block - MKDS 10 HV/ 1-F-10,16
1993776 PHOENIX-1993776 Datasheet
145Kb / 8P
PCB terminal block - MKDS 10 HV/ 1-B-10,16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com