Electronic Components Datasheet Search
  English  ▼

X  

1718394 Datasheet (PDF) - PHOENIX CONTACT

1718394 Datasheet PDF - PHOENIX CONTACT
Part # 1718394
Download  1718394 Download
File Size   317.92 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description M23-19S1N8A8004 - Cable connector

1718394 Datasheet (PDF)

Go To PDF Page Download Datasheet
1718394 Datasheet PDF - PHOENIX CONTACT

Part # 1718394
Download  1718394 Click to download

File Size   317.92 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description M23-19S1N8A8004 - Cable connector

1718394 Datasheet (HTML) - PHOENIX CONTACT


1718394 Product details

M23, Cable connector, series: M23 PRO, straight, shielded: yes, Screw locking mechanism, No.
of pos.: 16+3, Direction of rotation: Standard, contact connection type: Socket, Crimp
connection, cable diameter range: 9 mm ... 15 mm, coding: N, Item is lead-free in accordance
with RoHS II without Exemption 6c (Pb < 0.1 %)




Similar Part No. - 1718394

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1718392 PHOENIX-1718392 Datasheet
338Kb / 11P
M23-19S1N8A8002 - Cable connector
1718393 PHOENIX-1718393 Datasheet
263Kb / 8P
M23-19S1N8A8003 - Cable connector
1718395 PHOENIX-1718395 Datasheet
263Kb / 8P
M23-19S1N8A80DU - Cable connector
1718396 PHOENIX-1718396 Datasheet
305Kb / 8P
M23-19P1N8A8002S - Cable connector
1718397 PHOENIX-1718397 Datasheet
77Kb / 4P
Printed-circuit board connector - PC 5/ 4-STCL-7,62
More results


Similar Description - 1718394

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1629176 PHOENIX-1629176 Datasheet
354Kb / 7P
Cable connector - M23-07P1N8A80DUS
02/04/2022
1629204 PHOENIX-1629204 Datasheet
377Kb / 8P
Cable connector - M23-17S1N8A80DU
02/04/2022
1629208 PHOENIX-1629208 Datasheet
380Kb / 8P
Cable connector - M23-12P1N8A80DU
02/04/2022
1629192 PHOENIX-1629192 Datasheet
537Kb / 16P
M23-1RP1N8A80DU - Cable connector
1628814 PHOENIX-1628814 Datasheet
520Kb / 14P
M23-7ES198A8023S - Cable connector
1628847 PHOENIX-1628847 Datasheet
514Kb / 14P
M23-7EP198A8LDLS - Cable connector
1629162 PHOENIX-1629162 Datasheet
617Kb / 16P
M23-12P1N8A8003S - Cable connector
1629166 PHOENIX-1629166 Datasheet
635Kb / 17P
M23-12S1N8A8003S - Cable connector
1629187 PHOENIX-1629187 Datasheet
521Kb / 14P
M23-06S1N8A8002S - Cable connector
1629206 PHOENIX-1629206 Datasheet
641Kb / 18P
M23-17S1N8A8003 - Cable connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com