Electronic Components Datasheet Search
  English  ▼

X  

CY74FCT162244TPVC Datasheet (PDF) - Texas Instruments

CY74FCT162244TPVC Datasheet PDF - Texas Instruments
Part # CY74FCT162244TPVC
Download  CY74FCT162244TPVC Download
File Size   402.84 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit Buffers/Line Drivers

CY74FCT162244TPVC Datasheet (PDF)

Go To PDF Page Download Datasheet
CY74FCT162244TPVC Datasheet PDF - Texas Instruments

Part # CY74FCT162244TPVC
Download  CY74FCT162244TPVC Click to download

File Size   402.84 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit Buffers/Line Drivers

CY74FCT162244TPVC Datasheet (HTML) - Texas Instruments


CY74FCT162244TPVC Product details

Features
• Ioff supports partial-power-down mode operation
• Edge-rate control circuitry for significantly improved
noise characteristics
• Typical output skew < 250 ps
• ESD > 2000V
• TSSOP (19.6-mil pitch) and SSOP (25-mil pitch)
packages
• Industrial temperature range of –40°C to +85°C
• VCC = 5V ± 10%
CY74FCT16244T Features:
• 64 mA sink current, 32 mA source current
• Typical VOLP (ground bounce)
<1.0V at VCC = 5V, TA = 25°C
CY74FCT162244T Features:
• Balanced output drivers: 24 mA
• Reduced system switching noise
• Typical VOLP (ground bounce)
<0.6V at VCC = 5V, TA= 25°C
CY74FCT162H244T Features:
• Bus hold on data inputs
• Eliminates the need for external pull-up or pull-down
resistors

Functional Description
These 16-bit buffers/line drivers are designed for use in
memory driver, clock driver, or other bus interface applications,
where high-speed and low power are required. With
flow-through pinout and small shrink packaging board layout
is simplified. The three-state controls are designed to allow
4-bit, 8-bit or combined 16-bit operation.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device
when it is powered down.
The CY74FCT16244T is ideally suited for driving
high-capacitance loads and low-impedance backplanes.
The CY74FCT162244T has 24-mA balanced output drivers
with current limiting resistors in the outputs. This reduces the
need for external terminating resistors and provides for minimal
undershoot and reduced ground bounce. The
CY74FCT162244T is ideal for driving transmission lines.
The CY74FCT162H244T is a 24-mA balanced output part that
has “bus hold” on the data inputs. The device retains the input’s
last state whenever the input goes to high impedance.
This eliminates the need for pull-up/down resistors and prevents
floating inputs.




Similar Part No. - CY74FCT162244TPVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT162244TPVC TI-CY74FCT162244TPVC Datasheet
64Kb / 8P
16-Bit Buffers/Line Drivers
CY74FCT162244TPVC TI1-CY74FCT162244TPVC Datasheet
704Kb / 15P
16-Bit Buffers/Line Drivers
CY74FCT162244TPVC/PVCT TI1-CY74FCT162244TPVC/PVCT Datasheet
704Kb / 15P
16-Bit Buffers/Line Drivers
CY74FCT162244TPVCT TI-CY74FCT162244TPVCT Datasheet
64Kb / 8P
16-Bit Buffers/Line Drivers
CY74FCT162244TPVCT TI1-CY74FCT162244TPVCT Datasheet
704Kb / 15P
16-Bit Buffers/Line Drivers
More results


Similar Description - CY74FCT162244TPVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY5474FCT240T TI-CY5474FCT240T Datasheet
97Kb / 8P
8-Bit Buffers/Line Drivers
CY5474FCT540T TI-CY5474FCT540T Datasheet
82Kb / 8P
8-Bit Buffers/Line Drivers
CY74FCT16240T TI-CY74FCT16240T Datasheet
127Kb / 11P
16-Bit Buffers/Line Drivers
CY74FCT16244T TI-CY74FCT16244T Datasheet
64Kb / 8P
16-Bit Buffers/Line Drivers
CY74FCT163244 TI-CY74FCT163244 Datasheet
63Kb / 7P
16-Bit Buffers/Line Drivers
CY74FCT16827T TI-CY74FCT16827T Datasheet
62Kb / 7P
20-Bit Buffers/Line Drivers
CY74FCT2240T TI-CY74FCT2240T Datasheet
57Kb / 6P
8-Bit Buffers/Line Drivers
CY74FCT16240T TI1-CY74FCT16240T_15 Datasheet
476Kb / 13P
16-Bit Buffers/Line Drivers
CY74FCT16244T TI1-CY74FCT16244T_15 Datasheet
704Kb / 15P
16-Bit Buffers/Line Drivers
CY74FCT163244 TI1-CY74FCT163244_05 Datasheet
132Kb / 10P
16-Bit Buffers/Line Drivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com