Electronic Components Datasheet Search
  English  ▼

X  

CC1101 Datasheet (PDF) - Texas Instruments

CC1101 Datasheet PDF - Texas Instruments
Part # CC1101
Download  CC1101 Download
File Size   2495.62 Kbytes
Page   97 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive

CC1101 Datasheet (PDF)

Go To PDF Page Download Datasheet
CC1101 Datasheet PDF - Texas Instruments

Part # CC1101
Download  CC1101 Click to download

File Size   2495.62 Kbytes
Page   97 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive

CC1101 Datasheet (HTML) - Texas Instruments


CC1101 Product details

1.1 Features
12
• Qualification in Accordance With AEC-Q100
Grade 1
• Extended Temperature Range Up To 125°C
• Radio-Frequency (RF) Performance
– High Sensitivity (–114 dBm at 1.2 kBaud,
315 MHz, 1% Packet Error Rate)
– Low Current Consumption (15.5 mA in
Receive, 1.2 kBaud, 315 MHz)
• Programmable Output Power up to +10 dBm for
All Supported Frequencies
• Excellent Receiver Selectivity and Blocking
Performance
• Programmable Data Rate From 1.2 kBaud to
250 kBaud
• Frequency Bands: 310 MHz to 348 MHz,
420 MHz to 450 MHz, and 779 MHz to 928 MHz
• Analog Features
– 2-FSK, GFSK, and MSK Supported, as Well
as OOK and Flexible ASK Shaping
– Suitable for Frequency-Hopping Systems
Due to a Fast Settling Frequency
Synthesizer: 90-μs Settling Time
– Automatic Frequency Compensation (AFC)
Can Align Frequency Synthesizer to
Received Center Frequency
– Integrated Analog Temperature Sensor
• Digital Features
– Flexible Support for Packet-Oriented
Systems: On-Chip Support for Sync Word
Detection, Address Check, Flexible Packet
Length, and Automatic CRC Handling
– Efficient SPI Interface: All Registers Can Be
Programmed With One Burst Transfer
– Digital RSSI Output
– Programmable Channel Filter Bandwidth
– Programmable Carrier Sense (CS) Indicator
– Programmable Preamble Quality Indicator
(PQI) for Improved Protection Against False
Sync Word Detection in Random Noise
– Support for Automatic Clear Channel
Assessment (CCA) Before Transmitting (for
Listen-Before-Talk Systems)
– Support for Per-Package Link Quality
Indication (LQI)
– Optional Automatic Whitening and
Dewhitening of Data
• Low-Power Features
– Fast Startup Time: 240 μs From Sleep to
Receive (RX) or Transmit (TX) Mode
– Wake-On-Radio Functionality for Automatic
Low-Power RX Polling
– Separate 64-Byte RX and TX Data FIFOs
(Enables Burst Mode Data Transmission)
• General
– Few External Components: Completely
On-Chip Frequency Synthesizer, No External
Filters or RF Switch Needed
– Green Package: RoHS Compliant and No
Antimony or Bromine
– Small Size QFN 5-mm×5-mm 32-Pin Package
– Suited for Systems Compliant With
EN 300 220 (Europe) and FCC CFR Part 15
(US)
– Support for Asynchronous and Synchronous
Serial Receive/Transmit Mode for Backward
Compatibility With Existing Radio Communication Protocols
– Designed for Automotive Applications

1.2 Applications
• Ultra-Low-Power Wireless Applications in the
315/433/868/915-MHz ISM/SRD Bands
• Remote Keyless Entry Systems
• Passive Entry/Passive Start Systems
• Vehicle Service Links
• Garage Door Opener
• TPMS Systems




Similar Part No. - CC1101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1101 TI-CC1101 Datasheet
979Kb / 94P
Low-Cost Low-Power Sub-1GHz RF Transceiver
CC1101 TI1-CC1101 Datasheet
926Kb / 94P
Low-Cost Low-Power Sub-1GHz RF Transceiver
CC1101 TI-CC1101 Datasheet
857Kb / 25P
SWRU197H?밪eptember 2010?밨evised April 2014
CC1101 TI1-CC1101 Datasheet
1Mb / 105P
Low-Power Sub-1 GHz RF Transceiver
CC1101 TI1-CC1101 Datasheet
1Mb / 94P
Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
More results


Similar Description - CC1101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Hittite Microwave Corpo...
HMC704LP4E HITTITE-HMC704LP4E Datasheet
2Mb / 44P
8 GHz fractionaL-N PLL
logo
Texas Instruments
CC1101IRHBRG4Q1 TI-CC1101IRHBRG4Q1 Datasheet
1Mb / 94P
Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
CC1101-Q1 TI1-CC1101-Q1 Datasheet
1Mb / 94P
Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
CC1150 TI-CC1150_13 Datasheet
1Mb / 67P
Low Power Sub-1 GHz RF Transmitter
CC1101 TI1-CC1101_15 Datasheet
1Mb / 105P
Low-Power Sub-1 GHz RF Transceiver
TRF2050 TI1-TRF2050_00 Datasheet
542Kb / 34P
LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Analog Devices
HMC704LP4E AD-HMC704LP4E Datasheet
1Mb / 44P
8 GHZ FRACTIONAL-N PLL
logo
Texas Instruments
CC11X1-Q1 TI1-CC11X1-Q1 Datasheet
1Mb / 94P
Low-Power Sub-1-GHz Fractional-N UHF Device Family for Automotive
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com