Electronic Components Datasheet Search
  English  ▼

X  

BQ25300 Datasheet (PDF) - Texas Instruments

BQ25300 Datasheet PDF - Texas Instruments
Part # BQ25300
Download  BQ25300 Download
File Size   2353.88 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ25300 Standalone 1-Cell, 17-V, 3.0-A Battery Charger

BQ25300 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ25300 Datasheet PDF - Texas Instruments

Part # BQ25300
Download  BQ25300 Click to download

File Size   2353.88 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ25300 Standalone 1-Cell, 17-V, 3.0-A Battery Charger

BQ25300 Datasheet (HTML) - Texas Instruments


BQ25300 Product details

1 Features
• Standalone charger and easy to configure
• High-efficiency, 1.2-MHz, synchronous switchmode
buck charger
– 92.5% charge efficiency at 2A from 5-V input
for 1-cell battery
– 91.8% charge efficiency at 2A from 9-V input
for 1-cell battery
• Single input to support USB input and high voltage
adaptors
– Support 4.1-V - 17-V input voltage range with
28-V absolute maximum input voltage rating
– Input Voltage Dynamic Power Management
(VINDPM) tracking battery voltage
• High integration
– Integrated reverse blocking and synchronous
switching MOSFET
– Internal input and charge current sense
– Internal loop compensation
– Integrated bootstrap diode
• 3.6-V / 4.05-V / 4.15-V / 4.2-V charge voltage
• 3.0-A maximum fast charge current
• 200-nA low battery leakage current at 4.5-V VBAT
• 4.25-μA VBUS supply current in IC disable mode
• Charge current thermal regulation at 120°C
• Precharge current: 10% of fast charge current
• Termination current: 10% of fast charge current
• Charge accuracy
– ±0.5% charge voltage regulation
– ±10% charge current regulation
• Safety
– Thermal regulation and thermal shutdown
– Input Under-Voltage Lockout (UVLO) and Over-
Voltage Protection (OVP)
– Battery overcharge protection
– Safety timer for precharge and fast charge
– Charge disabled if current setting pin ICHG is
open or short
– Cold/hot battery temperature protection
– Fault report on STAT pin
• Available in WQFN 3x3-16 package

2 Applications
• Wireless speaker
• Barcode scanner
• Gaming
• Cradle charger
• Cordless power tool
• Building automation
• Medical

3 Description
The BQ25300 is a highly-integrated standalone
switch-mode battery charger for 1-cell Li-ion and Lipolymer,
and LiFePO4 batteries. The BQ25300
supports 4.1-V to 17-V input voltage and 3-A fast
charge current. The integrated current sensing
topology of the device enables high charge efficiency
and low BOM cost. The best-in-class 200-nA low
quiescent current of the device conserves battery
energy and maximizes the shelf time for portable
devices. The BQ25300 is available in a 3x3 WQFN
package for easy 2-layer layout and space limited
applications.




Similar Part No. - BQ25300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25300 TI-BQ25300 Datasheet
1Mb / 32P
BQ25300 Standalone 1-Cell, 17-V, 3.0-A Battery Charger
BQ25300 TI-BQ25300 Datasheet
1Mb / 32P
BQ25303J Standalone 1-Cell, 17-V, 3.0-A Battery Charger with JEITA Battery Temperature Monitoring
BQ25300 TI1-BQ25300 Datasheet
2Mb / 39P
BQ25308 Standalone 1-Cell, 17V, 3.0A Battery Charger with Dead Battery Charge Inhibit
APRIL 2024
BQ25300 TI2-BQ25300 Datasheet
2Mb / 40P
BQ25303J Standalone 1-Cell, 17-V, 3.0-A Battery Charger with JEITA Battery Temperature Monitoring
FEBRUARY 2021
BQ25300RTER TI-BQ25300RTER Datasheet
1Mb / 32P
BQ25300 Standalone 1-Cell, 17-V, 3.0-A Battery Charger
More results


Similar Description - BQ25300

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB10803 UTC-UB10803 Datasheet
244Kb / 10P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
logo
Texas Instruments
BQ25606 TI1-BQ25606 Datasheet
1Mb / 43P
Standalone 3.0-A, Single Cell Battery Charger With 40V Over Voltage Protection Controller
BQ25616 TI1-BQ25616 Datasheet
2Mb / 48P
BQ25616/616J Standalone 1-Cell 3.0-A Buck Battery Charger with Power Path and 1.2-A
BQ25306 TI1-BQ25306 Datasheet
177Kb / 7P
BQ25306 Standalone 17-V, 3.0-A Single Cell and Dual Cell Buck Battery Charger
BQ25302 TI-BQ25302 Datasheet
2Mb / 38P
BQ25302 Standalone 1-Cell 2.0-A Buck Battery Charger
BQ25306 TI-BQ25306_V01 Datasheet
260Kb / 10P
BQ25306 Standalone 17-V, 3.0-A Single Cell and Dual Cell Buck Battery Charger
BQ25300 TI-BQ25300 Datasheet
1Mb / 32P
BQ25300 Standalone 1-Cell, 17-V, 3.0-A Battery Charger
BQ25303J TI-BQ25303J Datasheet
1Mb / 32P
BQ25303J Standalone 1-Cell, 17-V, 3.0-A Battery Charger with JEITA Battery Temperature Monitoring
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com