Electronic Components Datasheet Search
  English  ▼

X  

TXB0104 Datasheet (PDF) - Texas Instruments

TXB0104 Datasheet PDF - Texas Instruments
Part # TXB0104
Download  TXB0104 Download
File Size   2780.69 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TXB0104-Q1 Automotive 4-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing and ±15kV ESD Protection

TXB0104 Datasheet (PDF)

Go To PDF Page Download Datasheet
TXB0104 Datasheet PDF - Texas Instruments

Part # TXB0104
Download  TXB0104 Click to download

File Size   2780.69 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TXB0104-Q1 Automotive 4-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing and ±15kV ESD Protection

TXB0104 Datasheet (HTML) - Texas Instruments


TXB0104 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 qualified with the following results
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature range
• 1.2V to 3.6V on A port and 1.65V to 5.5V on B port
(VCCA ≤ VCCB)
• VCC isolation feature – if either VCC input is at
GND, all outputs are in the high-impedance state
• OE input circuit referenced to VCCA
• Ioff supports partial-power-down mode operation
• Latch-up performance exceeds 100mA per JESD
78, class II
• ESD protection exceeds JESD 22
– A port
• ±2500V human-body model (A114-B)
• ±1000V charged-device model (C101)
– B port
• ±15000V human-body model (A114-B)
• ±1000V charged-device model (C101)

2 Applications
• Automotive infotainment
• Advanced driver assistance system (ADAS)
• Telematics

3 Description
Voltage-level translators address the challenges
posed by simultaneous use of different supply-voltage
levels on the same circuit board. This 4-bit noninverting
translator uses two separate configurable
power-supply rails. The A port is designed to track
VCCA. VCCA accepts any supply voltage from 1.2V to
3.6V. The B port is designed to track VCCB. VCCB
accepts any supply voltage from 1.65V to 5.5V.
This allows for universal low-voltage bidirectional
translation between any of the 1.2V, 1.5V, 1.8V, 2.5V,
3.3V, and 5V voltage nodes. VCCA should not exceed
VCCB.
When the output-enable (OE) input is low, all
outputs are placed in the high-impedance state. To
establish high-impedance state during power up or
power down, OE should be tied to GND through a
pulldown resistor; the minimum value of the resistor
is determined by the current-sourcing capability of the
driver.
The TXB0104 is designed so that the OE input circuit
is supplied by VCCA.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables
the outputs, preventing damaging current backflow
through the device when it is powered down.




Similar Part No. - TXB0104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0104 TI-TXB0104 Datasheet
135Kb / 12P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI-TXB0104 Datasheet
971Kb / 25P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI-TXB0104 Datasheet
940Kb / 28P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI-TXB0104 Datasheet
968Kb / 28P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0104 TI1-TXB0104 Datasheet
1Mb / 34P
4-Bit Bidirectional Voltage-level Translator With Automatic Direction Sensing and 15-kV ESD Protection
More results


Similar Description - TXB0104

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0104 TI-TXB0104_08 Datasheet
971Kb / 25P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI-TXB0104_10 Datasheet
940Kb / 28P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI-TXB0104_11 Datasheet
968Kb / 28P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0104-Q1 TI-TXB0104-Q1 Datasheet
651Kb / 20P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0304 TI1-TXB0304 Datasheet
614Kb / 14P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING
logo
Global Mixed-mode Techn...
G2129 GMT-G2129 Datasheet
132Kb / 1P
1-2-4-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing and 짹15kV ESD Protection
logo
Union Semiconductor, In...
UM3304 UNIONSEMI-UM3304_15 Datasheet
423Kb / 15P
4-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
logo
Texas Instruments
TXB0104-Q1 TI1-TXB0104-Q1_15 Datasheet
1Mb / 29P
TXB0104-Q1 4-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing
TXB0104 TI1-TXB0104_17 Datasheet
1Mb / 34P
4-Bit Bidirectional Voltage-level Translator With Automatic Direction Sensing and 15-kV ESD Protection
TXB0104 TI-TXB0104_V01 Datasheet
1Mb / 43P
TXB0104 4-Bit Bidirectional Voltage-level Translator With Automatic Direction Sensing and 짹15-kV ESD Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com