Electronic Components Datasheet Search
  English  ▼

X  

THS4509 Datasheet (PDF) - Texas Instruments

THS4509 Datasheet PDF - Texas Instruments
Part # THS4509
Download  THS4509 Download
File Size   4776.96 Kbytes
Page   74 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC

THS4509 Datasheet (PDF)

Go To PDF Page Download Datasheet
THS4509 Datasheet PDF - Texas Instruments

Part # THS4509
Download  THS4509 Click to download

File Size   4776.96 Kbytes
Page   74 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC

THS4509 Datasheet (HTML) - Texas Instruments


THS4509 Product details

1 Features
• 16-bit, dual channel 1.5GSPS ADC
• Noise spectral density: -163.7dBFS/Hz
• Thermal Noise: 75.6dBFS
• Noise figure: 14.4dB
• Single core (non-interleaved) ADC architecture
• Aperture jitter: 40fs
• Buffered analog inputs
• Input fullscale: 1.44Vpp (4.1dBm)
• Full power input bandwidth (-3dB): 1.8GHz
• Ultra-low close-in residual phase noise:
– −140dBc/Hz at 10kHz offset at 1GHz
• Spectral performance (fIN = 1GHz, -1dBFS):
– SNRflat: 72.1dBFS
– HD2,3: 68dBc
– Non HD2,3: 93dBFS
• 192-tap/ch programmable FIR equalizer filter
• 12-bit Fractional delay filter
• Digital down-converters (DDCs)
– Up to 8 DDC
– Complex output: /2, /3, /4, /5 to /32768
decimation
– 48-bit NCO phase coherent frequency hopping
– Fast frequency hopping: < 1μs
• JESD204B/C serial data interface
– Maximum lane rate: 24.75Gbps
• Code error rate (CER): 1E-15 errors/sample
• Power consumption: 1.5W/channel (1.5GSPS)

2 Applications
• Phased array radar
• Wafer Inspection
• Spectrum analyzer
• Software defined radio (SDR)
• Electronic warfare
• High-speed digitizer
• Cable infrastructure
• Communications infrastructure

3 Description
The ADC32RF72 is a 16-bit, 1.5GSPS (noninterleaved),
dual channel analog to digital converter
(ADC). The device is designed for the highest signalto-
noise ratio (SNR) and delivers a noise spectral
density of −163.7dBFS/Hz. Using internal averaging
modes, the NSD can be improved to as low as
-166.2dBFS/Hz. The buffered analog inputs support
a programmable internal termination impedance of
50, 100, 200Ω with a full power input bandwidth of
1.8GHz (−3dB). The device lets the user select one
input from IN1/2/3 in addition to IN0.
The device includes several digital processing
features such as a 192-tap/ch programmable FIR filter
for equalization, a 12-bit fractional delay filter as well
as multiple digital down converters (DDCs). There
are eight DDCs supporting decimation factors of /2, /3
and /5 up to /32768. The 48-bit NCOs support phase
coherent frequency hopping.
The ADC32RF72 supports the JESD204B/C serial
data interface with interface rates up to 24.75Gbps.
The power efficient ADC architecture consumes
1.5W/ch at 1.5GSPS and provides power scaling with
lower sampling rates.




Similar Part No. - THS4509

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4509 TI-THS4509 Datasheet
1,002Kb / 23P
WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER WITH RAIL-TO-RAIL OUTPUTS
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509 Datasheet
1Mb / 43P
WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509 TI1-THS4509 Datasheet
1Mb / 42P
WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
More results


Similar Description - THS4509

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1605 LINER-LTC1605 Datasheet
490Kb / 16P
16-Bit, 100ksps, Sampling ADC
logo
Analog Devices
AD7654ASTZ AD-AD7654ASTZ Datasheet
548Kb / 28P
16-Bit, 500 kSPS PulSAR짰 Dual, 2-Channel, Simultaneous Sampling ADC
REV. B
AD7654ACPRL AD-AD7654ACPRL Datasheet
548Kb / 28P
16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
REV. B
logo
Linear Technology
LTC1605ACG LINER-LTC1605ACG Datasheet
339Kb / 16P
16-Bit, 100ksps, Sampling ADC
logo
Analog Devices
AD7654 AD-AD7654_15 Datasheet
520Kb / 27P
16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
REV. C
logo
Linear Technology
LTC1605 LINER-LTC1605_15 Datasheet
339Kb / 16P
16-Bit, 100ksps, Sampling ADC
logo
Analog Devices
AD7616 AD-AD7616 Datasheet
1Mb / 51P
16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
REV. 0
AD7616-P AD-AD7616-P Datasheet
848Kb / 47P
16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
Rev. 0
AD7654 AD-AD7654_17 Datasheet
473Kb / 28P
16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
12/15-Rev. C to Rev. D
AD676 AD-AD676_17 Datasheet
421Kb / 17P
16-Bit 100 kSPS Sampling ADC
23-Feb-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com