Electronic Components Datasheet Search
  English  ▼

X  

1244436 Datasheet (PDF) - PHOENIX CONTACT

1244436 Datasheet PDF - PHOENIX CONTACT
Part # 1244436
Download  1244436 Download
File Size   471.98 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SH-8ESC58A9LB4SX - Coupler connector

1244436 Datasheet (PDF)

Go To PDF Page Download Datasheet
1244436 Datasheet PDF - PHOENIX CONTACT

Part # 1244436
Download  1244436 Click to download

File Size   471.98 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SH-8ESC58A9LB4SX - Coupler connector

1244436 Datasheet (HTML) - PHOENIX CONTACT


1244436 Product details

M23, Coupler connector, series: SH, straight long, shielded: yes, for standard and SPEEDCON
interlock, No. of pos.: 4+4+4+PE / 3+N+PE, contact connection type: Socket, Crimp connection,
cable diameter range: 7.5 mm ... 9 mm, Item is lead-free in accordance with RoHS II without
Exemption 6c (Pb < 0.1 %)




Similar Part No. - 1244436

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1244430 PHOENIX-1244430 Datasheet
558Kb / 15P
SH-8EPS48A8LDLSX - Cable connector
1244431 PHOENIX-1244431 Datasheet
554Kb / 14P
SH-8EPS48A8LB4SX - Cable connector
1244432 PHOENIX-1244432 Datasheet
556Kb / 15P
SH-8EPS48A8LB3SX - Cable connector
1244433 PHOENIX-1244433 Datasheet
556Kb / 14P
SH-8EPS48A8LB2SX - Cable connector
1244434 PHOENIX-1244434 Datasheet
472Kb / 14P
SH-8EPS48A8LB1SX - Cable connector
More results


Similar Description - 1244436

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1621553 PHOENIX-1621553 Datasheet
345Kb / 9P
Coupler connector - SH-8EPC58A9LB1S
02/04/2022
1621997 PHOENIX-1621997 Datasheet
84Kb / 7P
Cable connector - SH-8ESC58A8LDL
08/23/2016
1621549 PHOENIX-1621549 Datasheet
148Kb / 10P
Coupler connector - SH-8EPC58A9LDLS
09/11/2020
1621528 PHOENIX-1621528 Datasheet
618Kb / 15P
SH-8ESS48A8LB1S - Cable connector
1621539 PHOENIX-1621539 Datasheet
712Kb / 19P
SH-8ESC58A9LDLS - Coupler connector
1622006 PHOENIX-1622006 Datasheet
584Kb / 15P
SH-8ESS48A8LB1 - Cable connector
1622015 PHOENIX-1622015 Datasheet
570Kb / 15P
SH-8EPS48A8LB2 - Cable connector
1621547 PHOENIX-1621547 Datasheet
587Kb / 15P
SH-8ESS48A9LB2S - Coupler connector
1622008 PHOENIX-1622008 Datasheet
691Kb / 18P
SH-8EPC58A8LB4 - Cable connector
1244516 PHOENIX-1244516 Datasheet
522Kb / 14P
SH-8EPS48A8LB3X - Cable connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com