Electronic Components Datasheet Search
  English  ▼

X  

TS12A4516DBVR.A Datasheet (PDF) - Texas Instruments

TS12A4516DBVR.A Datasheet PDF - Texas Instruments
Part # TS12A4516DBVR.A
Download  TS12A4516DBVR.A Download
File Size   680.98 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES

TS12A4516DBVR.A Datasheet (PDF)

Go To PDF Page Download Datasheet
TS12A4516DBVR.A Datasheet PDF - Texas Instruments

Part # TS12A4516DBVR.A
Download  TS12A4516DBVR.A Click to download

File Size   680.98 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES

TS12A4516DBVR.A Datasheet (HTML) - Texas Instruments


TS12A4516DBVR.A Product details

1FEATURES
· ±1-V to ±6-V Dual-Supply Operation
· Specified ON-State Resistance:
– 25 Ω Max With ±5-V Supply
– 35 Ω Max With ±3.3-V Supply
– 47 Ω Max With ±1.8-V Supply
· Specified Low OFF-Leakage Currents:
– 5 nA at 25°C
– 10 nA at 85°C
· Specified Low ON-Leakage Currents:
– 5 nA at 25°C
– 10 nA at 85°C
· Low Charge Injection: 13 pC (±5-V Supply)
· Fast Switching Speed:
tON = 85 ns, tOFF = 50 ns (±5-V Supply)
· Break-Before-Make Operation (tON > tOFF)
· Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
· ESD Performance Tested Per JESD 22
– 2500-V Human-Body Model (A114-F)
– 1000-V Charged-Device Model (C101-C)
– 250-V Machine Model (A115-A)

DESCRIPTION/ORDERING INFORMATION
The TS12A4516/TS12A4517 are single pole/single throw (SPST), low-voltage, dual-supply CMOS analog
switches, with very low switch ON-state resistance. The TS12A4516 is normally open (NO). The TS12A4517 is
normally closed (NC).
These CMOS switches can operate continuously with a dual supplies between ±1 V and ±6 V [(2 V < (V+ – V–) <
12 V]. Each switch can handle rail-to-rail analog signals. The OFF-leakage current maximum is only 5 nA at 25°C
or 10 nA at 85°C.
For pin-compatible parts for use with single supply, see the TS12A4514/TS12A4515.




Similar Part No. - TS12A4516DBVR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS12A4516DBVR.A TI2-TS12A4516DBVR.A Datasheet
674Kb / 20P
DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
REVISED APRIL 2009
More results


Similar Description - TS12A4516DBVR.A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4516 MAXIM-MAX4516 Datasheet
84Kb / 8P
Dual-Supply, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 0; 6/96
logo
Texas Instruments
TS12A4516 TI-TS12A4516 Datasheet
274Kb / 11P
DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4514 TI-TS12A4514 Datasheet
269Kb / 15P
LOW-VOLTAGE, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A44513 TI-TS12A44513 Datasheet
494Kb / 16P
LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI-TS12A44513_10 Datasheet
459Kb / 16P
LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516_10 Datasheet
461Kb / 14P
DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516_101 TI-TS12A4516_101 Datasheet
519Kb / 15P
DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI1-TS12A4516_14 Datasheet
679Kb / 18P
DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_14 Datasheet
936Kb / 19P
LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_16 Datasheet
962Kb / 24P
Low ON-State Resistance 4-Channel SPST CMOS Analog Switches
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com