Electronic Components Datasheet Search
  English  ▼

X  

TS3DS10224 Datasheet (PDF) - Texas Instruments

TS3DS10224 Datasheet PDF - Texas Instruments
Part # TS3DS10224
Download  TS3DS10224 Download
File Size   1557.26 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TS3DS10224 High-Speed Differential Crosspoint, 1:4 Differential Multiplexer and Demultiplexer, 2 Channel Differential 1:2 Multiplexer and Demultiplexer, or Fan-Out Switch

TS3DS10224 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS3DS10224 Datasheet PDF - Texas Instruments

Part # TS3DS10224
Download  TS3DS10224 Click to download

File Size   1557.26 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TS3DS10224 High-Speed Differential Crosspoint, 1:4 Differential Multiplexer and Demultiplexer, 2 Channel Differential 1:2 Multiplexer and Demultiplexer, or Fan-Out Switch

TS3DS10224 Datasheet (HTML) - Texas Instruments


TS3DS10224 Product details

1 Features
1• Can be configured for
– Differential Crosspoint Switching
– Differential Single Channel 1:4 Multiplexer and
Demultiplexer
– Differential 2-Channel 1:2 Multiplexer and
Demultiplexer
– Differential Fan-Out of Signal Pair to Two Ports
Simultaneously
• Bidirectional Operation
• Fail-Safe Protection: IOFF Protection Prevents
Current Leakage in Powered-Down State
(VCC = 0 V)
• High BW (1.2 GHz Typical)
• Low RON and CON:
– 13-Ω RON Typical
– 9-pF CON Typical
• ESD Performance (I/O Pins)
– ±8-kV Contact Discharge (IEC61000-4-2)
– 2-kV Human-Body Model per JESD22-A114E
(to GND)
• ESD Performance (All Pins)
– 2-kV Human-Body Model per JESD22-A114E
• Small WQFN package (3.00 mm × 3.00 mm,
0.4-mm pitch)

2 Applications
• Differential Crosspoint Switching
• Desktop and Notebook Computers
• DisplayPort Auxiliary Channel Multiplexing
• USB 2.0 Multiplexing
• Netbooks, eBooks, and Tablets

3 Description
The TS3DS10224 device is a bidirectional differential
crosspoint, 1:4, or 1:2 multiplexer and demultiplexer;
or fan-out switch for high-speed differential signal
applications (up to 720 Mbps). The TS3DS10224
logic table can route any input to any output creating
a wide range of possible switching or multiplexing
configurations. Common configurations include:
differential crosspoint switching, differential 1:4 mux,
or differential 2-channel 1:2 multiplexer and
demultiplexer. The TS3DS10224 offers a high BW of
1.2 GHz with channel RON of 13 Ω (typical).
The TS3DS10224 can also be used to fan out a
differential signal pair to two ports simultaneously
(fan-out configuration). The BW performance is lower
in this configuration.
The TS3DS10224 operates with a 3-V to 3.6-V power
supply. It features ESD protection of up to ±8-kV
contact discharge and 2-kV human-body model on its
I/O pins.
The TS3DS10224 provides fail-safe protection by
isolating the I/O pins with high impedance when the
power supply (VCC) is not present.




Similar Part No. - TS3DS10224

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DS10224 TI1-TS3DS10224 Datasheet
378Kb / 17P
High-Speed 2:4 Differential Multiplexer / Demultiplexer
JUNE2011
TS3DS10224RUKR TI1-TS3DS10224RUKR Datasheet
378Kb / 17P
High-Speed 2:4 Differential Multiplexer / Demultiplexer
JUNE2011
More results


Similar Description - TS3DS10224

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL56 ONSEMI-MC100LVEL56 Datasheet
113Kb / 4P
Dual Differential 2:1 Multiplexer
1996 REV 1
MC10E457 ONSEMI-MC10E457 Datasheet
110Kb / 5P
TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
1996 REV 2
MC10EP56 ONSEMI-MC10EP56 Datasheet
106Kb / 8P
Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
logo
Micrel Semiconductor
SY10E457 MICREL-SY10E457 Datasheet
61Kb / 4P
TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
SY10E457 MICREL-SY10E457_06 Datasheet
63Kb / 4P
TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
logo
STMicroelectronics
HCF4097B STMICROELECTRONICS-HCF4097B Datasheet
394Kb / 10P
ANALOG DIFFERENTIAL 8 CHANNEL MULTIPLEXER/DEMULTIPLEXER
Sep-2002
logo
NXP Semiconductors
CBTU04083 NXP-CBTU04083 Datasheet
323Kb / 14P
1.8 V, wide bandwidth, 4 differential channel, 2 : 1 multiplexer/demultiplexer switch
Rev. 1-16 July 2010
CBTL02042A NXP-CBTL02042A Datasheet
336Kb / 16P
3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen2
Rev. 1-10 March 2011
CBTL02043A NXP-CBTL02043A Datasheet
211Kb / 16P
3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen3
Rev. 1-10 March 2011
logo
Texas Instruments
TS3DS10224 TI1-TS3DS10224 Datasheet
378Kb / 17P
High-Speed 2:4 Differential Multiplexer / Demultiplexer
JUNE2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com