Electronic Components Datasheet Search
  English  ▼

X  

TRF1213 Datasheet (PDF) - Texas Instruments

TRF1213 Datasheet PDF - Texas Instruments
Part # TRF1213
Download  TRF1213 Download
File Size   1180.36 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRF1213 Near-DC to > 14GHz, 3dB-Bandwidth, Single-Ended-to-Differential RF Amplifier

TRF1213 Datasheet (PDF)

Go To PDF Page Download Datasheet
TRF1213 Datasheet PDF - Texas Instruments

Part # TRF1213
Download  TRF1213 Click to download

File Size   1180.36 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRF1213 Near-DC to > 14GHz, 3dB-Bandwidth, Single-Ended-to-Differential RF Amplifier

TRF1213 Datasheet (HTML) - Texas Instruments


TRF1213 Product details

1 Features
• Single-ended input, differential output
• Excellent performance driving RF ADCs
• Fixed 14dB gain
• Bandwidth (3dB): >14GHz
• Gain flatness:
– +1.2dB (12GHz)
– –1dB (14.8GHz)
• OP1dB:
– 4GHz: 14.4dBm
– 10GHz: 14.6dBm
• OIP3:
– 4GHz: 34dBm
– 10GHz: 31dBm
• NF:
– 4GHz: 8.6dB
– 10GHz: 11.8dB
• Gain and phase imbalance: ±0.3dB and ±3º
• Power-down feature
• 5V single-supply operation
• Active current: 174mA

2 Applications
• RF sampling or GSPS ADC driver
• Aerospace and defense
• Radar seeker front end
• Phased array radar
• Military radios
• Test and measurement
• High-speed digitizers
• Vector signal transceiver (VST)
• 4G/5G wireless BTS

3 Description
The TRF1213 is a very high performance,
radio frequency (RF) amplifier optimized for RF
applications. This device is excellent for ac-coupled
applications that require a single-ended to differential
conversion when driving an RF sampling analog-todigital
converter (ADC) such as the high performance
AFE7950 or ADC12DJ5200RF. The device combines
the functionality of a wide-band gain block and
a wide-band passive balun. The on-chip matching
components simplify printed circuit board (PCB)
implementation and provide the highest performance
over the usable bandwidth. The device is fabricated
in Texas Instruments’ advanced complementary
BiCMOS process and is available in a space-saving,
WQFN-FCRLF package.
The TRF1213 operates on a single-rail supply and
consumes about 174mA of active current. A powerdown
feature is also available for power savings.




Similar Part No. - TRF1213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1213 TI1-TRF1213 Datasheet
1Mb / 27P
TRF1213 Near-DC to > 14GHz, 3dB-Bandwidth, Single-Ended-to-Differential RF Amplifier
DECEMBER 2024
TRF1213RPVR TI1-TRF1213RPVR Datasheet
1Mb / 27P
TRF1213 Near-DC to > 14GHz, 3dB-Bandwidth, Single-Ended-to-Differential RF Amplifier
DECEMBER 2024
More results


Similar Description - TRF1213

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1077M SONY-CXA1077M Datasheet
126Kb / 7P
WIDEBAND DIFFERENTIAL AMPLIFIER (DC TO 180 MHZ)
logo
TriQuint Semiconductor
TGA2951-EPU TRIQUINT-TGA2951-EPU Datasheet
352Kb / 10P
10 Gb/s Single Ended to Differential Amplifier TGA2951-EPU
logo
Texas Instruments
DS15BA101 TI-DS15BA101 Datasheet
804Kb / 12P
Data Rates from DC to 1.5 Gbps, Differential or Single-ended Input
logo
STMicroelectronics
AN4586 STMICROELECTRONICS-AN4586 Datasheet
630Kb / 19P
Signal conditioning, differential to single-ended amplification
27-Oct-2014
logo
Texas Instruments
THS3215 TI1-THS3215 Datasheet
1Mb / 71P
THS3215 650-MHz, Differential to Single-Ended DAC Output Amplifier
THS3217 TI1-THS3217 Datasheet
2Mb / 73P
THS3217 DC to 800-MHz, Differential-to-Single-Ended, DAC Output Amplifier
LMH9226 TI1-LMH9226 Datasheet
1Mb / 22P
LMH9226 Single-Ended to Differential 2.3-GHz to 2.9-GHz RF Amplifier With Balun
LMH9126 TI1-LMH9126 Datasheet
450Kb / 18P
LMH9126 2.2??.9-GHz Differential to Single-Ended Amplifier With Integrated Balun
LMH9135 TI-LMH9135 Datasheet
1Mb / 22P
LMH9135 3.2 ??4.2 GHz Differential to Single-Ended Amplifier with Integrated Balun
logo
Maxim Integrated Produc...
MAX19505EVKIT MAXIM-MAX19505EVKIT Datasheet
2Mb / 30P
On-Board Single-Ended to Differential Transformer Circuitry
Rev 2; 7/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com