Electronic Components Datasheet Search
  English  ▼

X  

TRF1108 Datasheet (PDF) - Texas Instruments

TRF1108 Datasheet PDF - Texas Instruments
Part # TRF1108
Download  TRF1108 Download
File Size   1608.52 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRF1108 Near-DC to 8GHz, Differential to Single-Ended RF Amplifier

TRF1108 Datasheet (PDF)

Go To PDF Page Download Datasheet
TRF1108 Datasheet PDF - Texas Instruments

Part # TRF1108
Download  TRF1108 Click to download

File Size   1608.52 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRF1108 Near-DC to 8GHz, Differential to Single-Ended RF Amplifier

TRF1108 Datasheet (HTML) - Texas Instruments


TRF1108 Product details

1 Features
• Differential-to-single-ended (D2S) RF amplifier
• Near-DC to 8GHz
• Gain: 15.5dB at 2GHz
• OP1dB:
– 2GHz: 12dBm
– 6GHz: 10dBm
• OIP3:
– 2GHz: 28dBm
– 6GHz: 28.5dBm
• Noise figure (NF) and input noise spectral density:
– 2GHz: 11dB and –163dBm/Hz
– 6GHz: 11.5dB and –162.5dBm/Hz
• HD2 and HD3:
– HD2 (1GHz): –60dBc at 2dBm
– HD3 (1GHz): –58dBc at 2dBm
• Additive (residual) phase noise:
– 1GHz: –154.6dBc/Hz at 10kHz offset
• Gain and phase imbalance: ±0.6dB and ±2º
• Differential input matched to 100Ω
• Single-ended output matched to 50Ω
• Power-down feature
• 5V supply
• Active current: 170mA

2 Applications
• Directly interfaces with RF DACs
• Aerospace and defense
• Phased array radar
• Military radios
• 4G and 5G wireless BTS
• Test and measurement
• Active probe

3 Description
The TRF1108 is a very high-performance, differentialto-
single-ended (D2S) amplifier optimized for radiofrequency
(RF) applications. The device is an
excellent choice for applications that require a D2S
conversion at the output of digital-to-analog converter
(DAC) such as the high-performance DAC39RF10
or AFE7950. The on-chip matching components
simplify printed-circuit-board (PCB) implementation
and provide the highest performance over the usable
bandwidth. The device is fabricated using Texas
Instruments’ advanced complementary BiCMOS
process and is available in a space-saving, WQFNFCRLF
2mm × 2mm package.
The primary use-case of the TRF1108 is in accoupled
applications, where the device operates using
a single, 5V supply with an internally set commonmode
voltage that simplifies biasing. With the help of
an application circuit to set the input common-mode
voltage, and by using dual supplies, the amplifier can
be dc-coupled. A power-down feature is also available
for power savings.




Similar Part No. - TRF1108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1108 TI1-TRF1108 Datasheet
1Mb / 18P
TRF1108 DC to 12GHz Bandwidth, Differential to Single-Ended RF Amplifier
JULY 2024
TRF1108 TI-TRF1108 Datasheet
1Mb / 32P
TRF1108 Near-DC to 8GHz, Differential to Single-Ended RF Amplifier
NOVEMBER 2024
TRF1108RPVR TI-TRF1108RPVR Datasheet
1Mb / 32P
TRF1108 Near-DC to 8GHz, Differential to Single-Ended RF Amplifier
NOVEMBER 2024
TRF1108 TI-TRF1108_V01 Datasheet
1Mb / 32P
TRF1108 Near-DC to 8GHz, Differential to Single-Ended RF Amplifier
NOVEMBER 2024
More results


Similar Description - TRF1108

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-402 RFMD-NBB-402 Datasheet
213Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-400 RFMD-NBB-400 Datasheet
186Kb / 10P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-400 RFMD-NBB-400_07 Datasheet
279Kb / 12P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-402 RFMD-NBB-402_06 Datasheet
188Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-402 RFMD-NBB-402_13 Datasheet
604Kb / 8P
Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
logo
Texas Instruments
THS3217 TI1-THS3217 Datasheet
2Mb / 73P
THS3217 DC to 800-MHz, Differential-to-Single-Ended, DAC Output Amplifier
logo
Mini-Circuits
K1-GAT MINI-K1-GAT Datasheet
309Kb / 1P
DC to 8GHz
K2-GAT MINI-K2-GAT Datasheet
291Kb / 1P
DC to 8GHz
logo
Texas Instruments
LMH9226 TI1-LMH9226 Datasheet
1Mb / 22P
LMH9226 Single-Ended to Differential 2.3-GHz to 2.9-GHz RF Amplifier With Balun
logo
Qorvo, Inc
NBB_402 QORVO-NBB_402 Datasheet
604Kb / 8P
Cascadable Broadband GaAs MMIC Amplifier DC to 8GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com