Electronic Components Datasheet Search
  English  ▼

X  

TPS65276V Datasheet (PDF) - Texas Instruments

TPS65276V Datasheet PDF - Texas Instruments
Part # TPS65276V
Download  TPS65276V Download
File Size   2154.65 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID

TPS65276V Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS65276V Datasheet PDF - Texas Instruments

Part # TPS65276V
Download  TPS65276V Click to download

File Size   2154.65 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID

TPS65276V Datasheet (HTML) - Texas Instruments


TPS65276V Product details

1FEATURES
• 4.5-V to 18-V Wide Input Voltage Range
• I2C Controlled 7-Bits VID Programmable
Output Voltage from 0.68 V to 1.95 V with
10-mV Steps for Each Buck; Output Voltage
Can Also be Set By Resistor Divider
• Programmable Slew Rate Control for Output
Voltage Transition
• Up to 6-A Maximum Continuous Output
Current in Buck 1 and 3.5-A in Buck 2
• I2C Compatible Interface With Standard Mode
(100 kHz) and Fast Mode (400 kHz)
• I2C Read Back Power Good Status and Die
Temperature Warning
• Pulse Skipping Mode to Achieve High
Efficiency in Light Load
• Adjustable Switching Frequency
200 kHz - 1.6 MHz Set by External Resistor
• Dedicated Enable and Soft-Start for Each Buck
• Peak Current-Mode Control with Simple
Compensation Circuit
• Cycle-by-Cycle Over Current Protection
• 180° Out-of-Phase Operation to Reduce Input
Capacitance and Power Supply Induced Noise
• Over Temperature Protection
• Available in 32-Pin Thermally Enhanced
HTSSOP (DAP) and 36-Pin QFN 6-mm x 6-mm
(RHH) Packages

APPLICATIONS
• DTV
• TCON
• BDVD
• Set Top Boxes
• Tablet PC

DESCRIPTION/ORDERING INFORMATION
TPS65276V is a monolithic dual synchronous buck converter with wide 4.5V to 18V operating input voltage
range that encompassed most intermediate bus voltage operating off 5-, 9-, 12- or 15-V power bus or battery.
The converter with constant frequency peak current mode control is designed to simplify its application while
giving the designers options to optimize their usage according to the target applications.
Each buck converter in TPS65276V has external feedback resistors that can be used for setting the initial start
up voltage. The feedback voltage reference for this start-up option is 0.6 V. Once the VID DAC is updated via the
I2C, the buck converter switches feedback resistors from external to internal. The output voltage in each buck
can be programmable from 0.68 V to 1.95 V in 10-mV steps with I2C Controlled 7-Bits VID.
Each buck converter in TPS65276V can also be I2C controlled for enabling/disabling output voltage, setting the
pulse skipping mode and reading the power good status and die temperature warning.
The switching frequency of the converters can be set from 200 kHz to 1.6 MHz with an external resistor. Two
converters have clock signal with 180° out-of-phase.
TPS65276V features dedicated enable pin when I2C interface is not used. Independent soft-start pin provides
flexibility in power up programmability. Constant frequency peak current mode control simplifies the
compensation and provides fast transient response. Cycle-by-cycle over current protection and hiccup mode
operation limit MOSFET power dissipation in short circuit or over loading fault conditions. Low side reverse over
current protection also prevents excessive sinking current from damaging the converter.
TPS65273V also features a light load pulse skipping mode (PSM) that can be controlled by I2C or MODE pin
configuration. The PSM mode allows a power loss reduction on the input power supplied to the system to
achieve high efficiency at light loading.
The TPS65273V is available in a 32-pin thermally enhanced HTSSOP (DAP) package and 36-pin QFN
6-mm x 6-mm (RHH) package.




Similar Part No. - TPS65276V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65276V TI-TPS65276V Datasheet
1Mb / 42P
4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
TPS65276V TI-TPS65276V Datasheet
1Mb / 43P
4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
TPS65276VDAP TI-TPS65276VDAP Datasheet
1Mb / 42P
4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
TPS65276VDAP TI-TPS65276VDAP Datasheet
1Mb / 43P
4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
TPS65276VDAPR TI-TPS65276VDAPR Datasheet
1Mb / 42P
4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
More results


Similar Description - TPS65276V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65276V TI-TPS65276V Datasheet
1Mb / 42P
4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
TPS65279V TI-TPS65279V Datasheet
1Mb / 43P
4.5-V TO 18-V INPUT VOLTAGE, 5-A/5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID AND CURRENT SHARING
TPS65273V TI-TPS65273V_15 Datasheet
1Mb / 46P
4.5-V TO 18-V INPUT VOLTAGE, 3.5-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID AND CURRENT SHARING
TPS65276 TI-TPS65276_15 Datasheet
734Kb / 33P
4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER
TPS65276V TI-TPS65276V_15 Datasheet
1Mb / 43P
4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
TPS65279V TI-TPS65279V_15 Datasheet
1Mb / 46P
4.5-V TO 18-V INPUT VOLTAGE, 5-A/5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID AND CURRENT SHARING
TPS563900 TI-TPS563900_15 Datasheet
1Mb / 34P
4.5-V To 18-V Input Voltage, 3.5-A/3.5-A Dual Synchronous Step-Down Converter With I2C Controlled VID
TPS566250 TI-TPS566250_15 Datasheet
1Mb / 32P
TPS566250 4.5-V to 17-V Input, 6-A Synchronous Step-Down Converter With VID Control
TPS566235 TI1-TPS566235 Datasheet
1Mb / 27P
4.5-V to 18-V input, 6-A synchronous step-down converter
TPS566235 TI1-TPS566235_19 Datasheet
1Mb / 28P
4.5-V to 18-V input, 6-A synchronous step-down converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com