Electronic Components Datasheet Search
  English  ▼

X  

TPS65251 Datasheet (PDF) - Texas Instruments

TPS65251 Datasheet PDF - Texas Instruments
Part # TPS65251
Download  TPS65251 Download
File Size   2247.3 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS65251 4.5-V to 18-V Input, High-Current, Synchronous Step-Down Three Buck Switcher With Integrated FET

TPS65251 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS65251 Datasheet PDF - Texas Instruments

Part # TPS65251
Download  TPS65251 Click to download

File Size   2247.3 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS65251 4.5-V to 18-V Input, High-Current, Synchronous Step-Down Three Buck Switcher With Integrated FET

TPS65251 Datasheet (HTML) - Texas Instruments


TPS65251 Product details

1 Features
1• Wide Input Supply Voltage Range (4.5 to 18 V)
• 0.8 V, 1% Accuracy Reference
• Continuous Loading: 3 A (Buck 1),
2 A (Buck 2 and 3)
• Maximum Current: 3.5 A (Buck 1),
2.5 A (Buck 2 and 3)
• Adjustable Switching Frequency
300 kHz to 2.2 MHz Set by External Resistor
• Dedicated Enable for Each Buck
• External Synchronization Pin for Oscillator
• External Enable/Sequencing and Soft-Start Pins
• Adjustable Current Limit Set By External Resistor
• Soft-Start Pins
• Current-Mode Control With Simple Compensation
Circuit
• Powergood
• Optional Low-Power Mode Operation for Light
Loads
• VQFN Package, 40-Pin 6 mm × 6 mm RHA

2 Applications
• Set Top Boxes
• Blu-ray DVD
• DVR
• DTV
• Car Audio/Video
• Security Camera

3 Description
The TPS65251 features three synchronous wide
input range high efficiency buck converters. The
converters are designed to simplify its application
while giving the designer the option to optimize their
usage according to the target application.
The converters can operate in 5-, 9-, 12- or 15-V
systems and have integrated power transistors. The
output voltage can be set externally using a resistor
divider to any value between 0.8 V and close to the
input supply. Each converter features enable pin that
allows a delayed start-up for sequencing purposes,
soft-start pin that allows adjustable soft-start time by
choosing the soft-start capacitor, and a current limit
(RLIMx) pin that enables designer to adjust current
limit by selecting an external resistor and optimize the
choice of inductor. The current mode control allows a
simple RC compensation.
The switching frequency of the converters can either
be set with an external resistor connected to ROSC
pin or can be synchronized to an external clock
connected to SYNC pin if needed. The switching
regulators are designed to operate from 300 kHz to
2.2 MHz. 180° out of phase operation between Buck
1 and Buck 2, 3 (Buck 2 and 3 run in phase)
minimizes the input filter requirements.




Similar Part No. - TPS65251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65251 TI1-TPS65251 Datasheet
1Mb / 31P
4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK SWITCHER WITH INTEGRATED FET
TPS65251 TI-TPS65251 Datasheet
2Mb / 35P
TPS65251 4.5-V to 18-V Input, High-Current, Synchronous Step-Down Three Buck Switcher With Integrated FET
TPS65251-1 TI-TPS65251-1 Datasheet
3Mb / 39P
TPS65251-x 4.5-V to 18-V Input, High Current, Synchronous Step Down Three Buck Switchers With Integrated FET
TPS65251-1 TI2-TPS65251-1 Datasheet
3Mb / 41P
TPS65251-x 4.5-V to 18-V Input, High Current, Synchronous Step Down Three Buck Switchers With Integrated FET
REVISED JANUARY 2022
TPS65251-1RHAR TI-TPS65251-1RHAR Datasheet
3Mb / 39P
TPS65251-x 4.5-V to 18-V Input, High Current, Synchronous Step Down Three Buck Switchers With Integrated FET
More results


Similar Description - TPS65251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54325 TI-TPS54325 Datasheet
1Mb / 20P
4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS65251 TI1-TPS65251 Datasheet
1Mb / 31P
4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK SWITCHER WITH INTEGRATED FET
TPS652510 TI1-TPS652510 Datasheet
1Mb / 29P
4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS54325-Q1 TI1-TPS54325-Q1 Datasheet
669Kb / 18P
4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS65288 TI1-TPS65288 Datasheet
2Mb / 35P
4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter with Integrated FET
TPS54325 TI-TPS54325_15 Datasheet
1Mb / 26P
TPS54325 4.5-V to 18-V, 3-A Output Synchronous Step Down Switcher with Integrated FET
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS65251 TI-TPS65251_15 Datasheet
2Mb / 35P
TPS65251 4.5-V to 18-V Input, High-Current, Synchronous Step-Down Three Buck Switcher With Integrated FET
TPS65251-1 TI-TPS65251-1_15 Datasheet
3Mb / 39P
TPS65251-x 4.5-V to 18-V Input, High Current, Synchronous Step Down Three Buck Switchers With Integrated FET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com